Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 378Page - Renesas Technology Corp SH7708 Datasheet HTML 379Page - Renesas Technology Corp SH7708 Datasheet HTML 380Page - Renesas Technology Corp SH7708 Datasheet HTML 381Page - Renesas Technology Corp SH7708 Datasheet HTML 382Page - Renesas Technology Corp SH7708 Datasheet HTML 383Page - Renesas Technology Corp SH7708 Datasheet HTML 384Page - Renesas Technology Corp SH7708 Datasheet HTML 385Page - Renesas Technology Corp SH7708 Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 633 page
background image
364
13.3
Operation
13.3.1
Overview
For serial communication, the SCI has an asynchronous mode in which characters are
synchronized individually, and a synchronous mode in which communication is synchronized with
clock pulses. Asynchronous/synchronous mode and the transmission format are selected in the
serial mode register (SCSMR), as shown in table 13.9. The SCI clock source is selected by the
combination of the C/
A bit in the serial mode register (SCSMR) and the CKE1 and CKE0 bits in
the serial control register (SCSCR), as shown in table 13.10.
Asynchronous Mode:
• Data length is selectable: seven or eight bits.
• Parity and multiprocessor bits are selectable, as is the stop bit length (one or two bits). The
combination of the preceding selections constitutes the communication format and character
length.
• In receiving, it is possible to detect framing errors (FER), parity errors (PER), overrun errors
(ORER) and breaks.
• An internal or external clock can be selected as the SCI clock source.
 When an internal clock is selected, the SCI operates using the on-chip baud rate generator,
and can output a serial clock signal with a frequency matching the bit rate.
 When an external clock is selected, the external clock input must have a frequency 16
times the bit rate. (The on-chip baud rate generator is not used.)
Synchronous Mode:
• The transmission/reception format has a fixed eight-bit data length.
• In receiving, it is possible to detect overrun errors (ORER).
• An internal or external clock can be selected as the SCI clock source.
 When an internal clock is selected, the SCI operates using the on-chip baud rate generator,
and outputs a serial clock to external devices.
 When an external clock is selected, the SCI operates on the input serial clock. The on-chip
baud rate generator is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com