Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 386 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 386 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 382Page - Renesas Technology Corp SH7708 Datasheet HTML 383Page - Renesas Technology Corp SH7708 Datasheet HTML 384Page - Renesas Technology Corp SH7708 Datasheet HTML 385Page - Renesas Technology Corp SH7708 Datasheet HTML 386Page - Renesas Technology Corp SH7708 Datasheet HTML 387Page - Renesas Technology Corp SH7708 Datasheet HTML 388Page - Renesas Technology Corp SH7708 Datasheet HTML 389Page - Renesas Technology Corp SH7708 Datasheet HTML 390Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 633 page
background image
368
0
D0D1D2D3D4
D5
D6
D7
0/1
1
1
1 frame
Figure 13.3 Output Clock and Serial Data Timing (Asynchronous Mode)
Transmitting and Receiving Data (SCI Initialization (Asynchronous Mode)): Before
transmitting or receiving, clear the TE and RE bits to 0 in the serial control register (SCSCR), then
initialize the SCI as follows.
When changing the operation mode or communication format, always clear the TE and RE bits to
0 before following the procedure given below. Clearing TE to 0 sets TDRE to 1 and initializes the
transmit shift register (SCTSR). Clearing RE to 0, however, does not initialize the RDRF, PER,
FER, and ORER flags or receive data register (SCRDR), which retain their previous contents.
When an external clock is used, the clock should not be stopped during initialization or subsequent
operation. SCI operation becomes unreliable if the clock is stopped.
Figure 13.4 is a sample flowchart for initializing the SCI. The procedure for initializing the SCI is:
1. Select the clock source in the serial control register (SCSCR). Leave RIE, TIE, TEIE, MPIE,
TE, and RE cleared to 0. If clock output is selected in asynchronous mode, clock output starts
immediately after the setting is made in SCSCR.
2. Select the communication format in the serial mode register (SCSMR).
3. Write the value corresponding to the bit rate in the bit rate register (SCBRR) unless an external
clock is used.
4. Wait for at least the interval required to transmit or receive one bit, then set TE or RE in the
serial control register (SCSCR) to 1. Also set RIE, TIE, TEIE, and MPIE as necessary. Setting
TE or RE enables the SCI to use the TxD or RxD pin. The initial states are the mark transmit
state, and the idle receive state (waiting for a start bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com