Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 120Page - Renesas Technology Corp SH7708 Datasheet HTML 121Page - Renesas Technology Corp SH7708 Datasheet HTML 122Page - Renesas Technology Corp SH7708 Datasheet HTML 123Page - Renesas Technology Corp SH7708 Datasheet HTML 124Page - Renesas Technology Corp SH7708 Datasheet HTML 125Page - Renesas Technology Corp SH7708 Datasheet HTML 126Page - Renesas Technology Corp SH7708 Datasheet HTML 127Page - Renesas Technology Corp SH7708 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 633 page
background image
106
5.5
Usage Examples
5.5.1
Invalidating Specific Entries
Specific cache entries can be invalidated by writing 0 to the entry’s V bit. When the A bit is 1, the
address tag specified by the write data is compared to the address tag within the cache selected by
the entry address, and data is written when a match is found. If no match is found, there is no
operation. R0 specifies the write data in R0 and R1 specifies the address. When the V bit of an
entry in the address array is set to 0, the entry is written back if the entry’s U bit is 1.
; R0=H'01100010; VPN=B'0000 0001 0001 0000 0000 00, U=0, V=0
; R1=H'F0000088; address array access, entry=B'0001000, A=1
;
MOV.L R0,@R1
5.5.2
Reading the Data of a Specific Entry
This example reads the data section of a specific cache entry. The longword indicated in the data
field of the data array in figure 5.5 is read to the register. R0 specifies the address and R1 is read.
; R1=H'F100 004C; data array access, entry=B'0000100, Way = 0, longword
; address = 3
;
MOV.L @R0,R1 ; Longword 3 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com