Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 121Page - Renesas Technology Corp SH7708 Datasheet HTML 122Page - Renesas Technology Corp SH7708 Datasheet HTML 123Page - Renesas Technology Corp SH7708 Datasheet HTML 124Page - Renesas Technology Corp SH7708 Datasheet HTML 125Page - Renesas Technology Corp SH7708 Datasheet HTML 126Page - Renesas Technology Corp SH7708 Datasheet HTML 127Page - Renesas Technology Corp SH7708 Datasheet HTML 128Page - Renesas Technology Corp SH7708 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 633 page
background image
107
Section 6 Interrupt Controller (INTC)
6.1
Overview
The interrupt controller (INTC) ascertains the priority of interrupt sources and controls interrupt
requests to the CPU. The INTC registers set the order of priority of each interrupt, allowing the
user to handle interrupt requests according to the user-set priority.
6.1.1
Features
INTC has the following features:
• 15 levels of interrupt priority can be set: By setting the two interrupt-priority registers, the
priorities of on chip supporting module interrupts can be selected from 15 levels for different
request sources.
• NMI noise canceller function: NMI input level bit indicates NMI pin status. By reading this bit
in the interrupt exception handler, the pin status can be checked, enabling it to be used as a
noise canceler.
• External devices can be notified that an interrupt has been received (IRQOUT pin): For
example, when the SH7708 Series has released the bus, the external bus master can be notified
of the fact that an external interrupt, an on-chip supporting module interrupt, or a memory
refresh request has occurred, enabling the SH7708 Series to request the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com