Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 126Page - Renesas Technology Corp SH7708 Datasheet HTML 127Page - Renesas Technology Corp SH7708 Datasheet HTML 128Page - Renesas Technology Corp SH7708 Datasheet HTML 129Page - Renesas Technology Corp SH7708 Datasheet HTML 130Page - Renesas Technology Corp SH7708 Datasheet HTML 131Page - Renesas Technology Corp SH7708 Datasheet HTML 132Page - Renesas Technology Corp SH7708 Datasheet HTML 133Page - Renesas Technology Corp SH7708 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 633 page
background image
112
6.2.3
On-Chip Supporting Module Interrupts
On-chip supporting module interrupts are generated by the following five modules:
• Timer unit (TMU)
• Realtime clock (RTC)
• Serial communication interface (SCI)
• Bus state controller (BSC)
• Watchdog timer (WDT)
Not every interrupt source is assigned a different interrupt vector. Sources are reflected on the
interrupt event register (INTEVT). It is easy to identify sources by using the values of the
INTEVT register as branch offsets (in the exception handler routine).
The priority level (from 0–15) can be set for each module by writing to interrupt priority setting
registers A–B (IPRA–IPRB).
The interrupt mask bits (I3–I0) in the status register are not affected by the on-chip supporting
module interrupt handling.
On-chip supporting module interrupt source flag and interrupt enable flag updating should only be
performed when the BL bit in the status register (SR) is set to 1. To prevent acknowledgment of an
erroneous interrupt from an interrupt source that should have been updated, first read the on-chip
peripheral register containing the relevant flag, then clear the BL bit to 0. This will secure the
necessary timing internally. When updating a number of flags, there is no problem if only the
register containing the last flag updated is read.
If flag updating is performed while the BL bit is cleared to 0, the program may jump to the
interrupt service routine when the INTEVT register value is 0. In this case, interrupt handling is
initiated due to the timing relationship between the flag update and interrupt request recognition
within the chip. Processing can be continued without any problem by executing an RTE
instruction.
6.2.4
Interrupt Exception Handling and Priority
Table 6.3 lists the codes for the interrupt event register (INTEVT), and the order of interrupt
priority. Each interrupt source is assigned unique code. The start address of the interrupt handler is
common to each interrupt source. This is why, for instance, the value of INTEVT is used as offset
at the start of the interrupt handler and branched to identify the interrupt source.
The order of priority of the on-chip supporting module is set within the priority levels 0–15 at will
by using the interrupt priority level set in registers A and B (IPRA–IPRB). The order of priority of
the on-chip supporting module is set to zero by a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com