Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 130Page - Renesas Technology Corp SH7708 Datasheet HTML 131Page - Renesas Technology Corp SH7708 Datasheet HTML 132Page - Renesas Technology Corp SH7708 Datasheet HTML 133Page - Renesas Technology Corp SH7708 Datasheet HTML 134Page - Renesas Technology Corp SH7708 Datasheet HTML 135Page - Renesas Technology Corp SH7708 Datasheet HTML 136Page - Renesas Technology Corp SH7708 Datasheet HTML 137Page - Renesas Technology Corp SH7708 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 633 page
background image
116
6.3.2
Interrupt Control Register (ICR)
ICR is a 16-bit register that sets the input signal detection mode of the external interrupt input pin
NMI and indicates the input signal level to the NMI pin. This register is initialized by a power-on
reset or manual reset. It is not initialized in standby mode.
Bit:
15
14
13
12
11
10
9
8
Bit name:
NMIL
NMIE
Initial value:
0/1*
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Note:
When NMI input is high: 1; when NMI input is low: 0.
Bit 15—NMI Input Level (NMIL): Sets the level of the signal input at the NMI pin. This bit can
be read to determine the NMI pin level. It cannot be modified.
Bit 15: NMIL
Description
0
NMI input level is low
1
NMI input level is high
Bit 8—NMI Edge Select (NMIE): Selects whether the falling or rising edge of the interrupt
request signal to the NMI is detected.
Bit 8: NMIE
Description
0
Interrupt request is detected on the falling edge of NMI input
(Initial value)
1
Interrupt request is detected on rising edge of NMI input
Bits 14–9 and 7–0—Reserved: These bits always read 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com