Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 131Page - Renesas Technology Corp SH7708 Datasheet HTML 132Page - Renesas Technology Corp SH7708 Datasheet HTML 133Page - Renesas Technology Corp SH7708 Datasheet HTML 134Page - Renesas Technology Corp SH7708 Datasheet HTML 135Page - Renesas Technology Corp SH7708 Datasheet HTML 136Page - Renesas Technology Corp SH7708 Datasheet HTML 137Page - Renesas Technology Corp SH7708 Datasheet HTML 138Page - Renesas Technology Corp SH7708 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 633 page
background image
117
6.4
INTC Operation
6.4.1
Interrupt Sequence
The sequence of interrupt operations is explained below. Figure 6.3 is a flowchart of the
operations.
1. The interrupt request sources send interrupt request signals to the interrupt controller.
2. The interrupt controller selects the highest priority interrupt from the interrupt requests sent,
following the priority levels set in interrupt priority registers A and B (IPRA and IPRB).
Lower priority interrupts are held pending. If two of these interrupts have the same priority
level or if multiple interrupts occur within a single module, the interrupt with the highest
default priority or the highest priority within its IPR setting unit (as indicated in table 6.4) is
selected.
3. The priority level of the interrupt selected by the interrupt controller is compared with the
interrupt mask bits (I3–I0) in the status register (SR) of the CPU. If the request priority level is
higher than the level in bits I3–I0, the interrupt controller accepts the interrupt and sends an
interrupt request signal to the CPU. When the interrupt controller receives an interrupt, a low
level is output from the
IRQOUT pin.
4. The CPU receives an interrupt at a break in instructions.
5. The interrupt source code is set in the interrupt event register (INTEVT).
6. The status register (SR) and program counter (PC) are saved to SSR and SPC, respectively.
7. The block bit (BL), mode bit (MD), and register bank bit (RB) in SR are set to 1.
8. The CPU jumps to the start address of the interrupt handler (the sum of the value set in the
vector base register (VBR) and H'00000600). The interrupt handler may branch with the
INTEVT register value as its offset in order to identify the interrupt source. This enables it to
branch to the handling routine for the individual interrupt source.
Notes: 1. The interrupt mask bits (I3–I0) in the status register (SR) are not changed by
acceptance of an interrupt in the SH7708 Series.
2.
IRQOUT outputs a low level until the interrupt request is cleared. However, if the
interrupt source is masked by an interrupt mask bit, the
IRQOUT pin returns to the
high level. The level is output without regard to the BL bit.
3. The interrupt source flag should be cleared in the interrupt handler. To ensure that an
interrupt request that should have been cleared is not inadvertently accepted again, read
the interrupt source flag after it has been cleared, then wait for the interval shown in
table 6.6 (Time for priority decision and SR mask bit comparison) before clearing the
BL bit or executing an RTE instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com