Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 211Page - Renesas Technology Corp SH7708 Datasheet HTML 212Page - Renesas Technology Corp SH7708 Datasheet HTML 213Page - Renesas Technology Corp SH7708 Datasheet HTML 214Page - Renesas Technology Corp SH7708 Datasheet HTML 215Page - Renesas Technology Corp SH7708 Datasheet HTML 216Page - Renesas Technology Corp SH7708 Datasheet HTML 217Page - Renesas Technology Corp SH7708 Datasheet HTML 218Page - Renesas Technology Corp SH7708 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 633 page
background image
197
Table 10.5
PCMCIA Support Interface
IC Memory Card Interface
I/O Card Interface
SH7708 Series
Pin Signal
I/O
Function
Signal
I/O
Function
Pin
1
GND
Ground
GND
Ground
2
D3
I/O
Data
D3
I/O
Data
D3
3
D4
I/O
Data
D4
I/O
Data
D4
4
D5
I/O
Data
D5
I/O
Data
D5
5
D6
I/O
Data
D6
I/O
Data
D6
6
D7
I/O
Data
D7
I/O
Data
D7
7
CE1
I
Card enable
CE1
I
Card enable
CS5 or CS6
8
A10
I
Address
A10
I
Address
A10
9
OE
I
Output enable
OE
I
Output enable
RD
10
A11
I
Address
A11
I
Address
A11
11
A9
I
Address
A9
I
Address
A9
12
A8
I
Address
A8
I
Address
A8
13
A13
I
Address
A13
I
Address
A13
14
A14
I
Address
A14
I
Address
A14
15
WE/PGM
I
Write enable
WE/PGM
I
Write enable
WE1
16
RDY/
BSY
O
Ready/Busy
IREQ
O
Interrupt request
Sensed at port
17
VCC
Operation power
VCC
Operation power
18
VPP1
Program power
VPP1
Program/
peripheral power
19
A16
I
Address
A16
I
Address
A16
20
A15
I
Address
A15
I
Address
A15
21
A12
I
Address
A12
I
Address
A12
22
A7
I
Address
A7
I
Address
A7
23
A6
I
Address
A6
I
Address
A6
24
A5
I
Address
A5
I
Address
A5
25
A4
I
Address
A4
I
Address
A4
26
A3
I
Address
A3
I
Address
A3
27
A2
I
Address
A2
I
Address
A2
28
A1
I
Address
A1
I
Address
A1
29
A0
I
Address
A0
I
Address
A0
30
D0
I/O
Data
D0
I/O
Data
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com