Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 212Page - Renesas Technology Corp SH7708 Datasheet HTML 213Page - Renesas Technology Corp SH7708 Datasheet HTML 214Page - Renesas Technology Corp SH7708 Datasheet HTML 215Page - Renesas Technology Corp SH7708 Datasheet HTML 216Page - Renesas Technology Corp SH7708 Datasheet HTML 217Page - Renesas Technology Corp SH7708 Datasheet HTML 218Page - Renesas Technology Corp SH7708 Datasheet HTML 219Page - Renesas Technology Corp SH7708 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 633 page
background image
198
Table 10.5
PCMCIA Support Interface (cont)
IC Memory Card Interface
I/O Card Interface
SH7708 Series
Pin Signal
I/O
Function
Signal
I/O
Function
Pin
31
D1
I/O
Data
D1
I/O
Data
D1
32
D2
I/O
Data
D2
I/O
Data
D2
33
WP*
O
Write protect
IOIS16
O
16 bit I/O port
IOIS16
34
GND
Ground
GND
Ground
35
GND
Ground
GND
Ground
36
CD1
O
Card detection
CD1
O
Card detection
Sensed at port
37
D11
I/O
Data
D11
I/O
Data
D11
38
D12
I/O
Data
D12
I/O
Data
D12
39
D13
I/O
Data
D13
I/O
Data
D13
40
D14
I/O
Data
D14
I/O
Data
D14
41
D15
I/O
Data
D15
I/O
Data
D15
42
CE2
I
Card enable
CE2
I
Card enable
CE2A or CE2B
43
RFSH
I
Refresh request
RFSH
I
Refresh request
Output from
port
44
RFU
Reserved
IORD
I
I/O read
ICIORD
45
RFU
Reserved
IOWR
I
I/O write
ICIOWR
46
A17
I
Address
A17
I
Address
A17
47
A18
I
Address
A18
I
Address
A18
48
A19
I
Address
A19
I
Address
A19
49
A20
I
Address
A20
I
Address
A20
50
A21
I
Address
A21
I
Address
A21
51
VCC
Power supply
VCC
Power supply
52
VPP2
Program power
VPP2
Program/
peripheral power
53
A22
I
Address
A22
I
Address
A22
54
A23
I
Address
A23
I
Address
A23
55
A24
I
Address
A24
I
Address
A24
56
A25
I
Address
A25
I
Address
Output from
port
57
RFU
Reserved
RFU
Reserved
58
RESET
I
Reset
RESET
I
Reset
Output from
port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com