Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 221 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 217Page - Renesas Technology Corp SH7708 Datasheet HTML 218Page - Renesas Technology Corp SH7708 Datasheet HTML 219Page - Renesas Technology Corp SH7708 Datasheet HTML 220Page - Renesas Technology Corp SH7708 Datasheet HTML 221Page - Renesas Technology Corp SH7708 Datasheet HTML 222Page - Renesas Technology Corp SH7708 Datasheet HTML 223Page - Renesas Technology Corp SH7708 Datasheet HTML 224Page - Renesas Technology Corp SH7708 Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 633 page
background image
203
Bit 0—Area 6 Bus Type (A6PCM): Designates whether to access physical space area 6 as
PCMCIA space.
Bit 0: A6PCM
Description
0
Access physical space area 6 as normal memory.
(Initial value)
1
Access physical space area 6 as PCMCIA space.*
Note:
MD4 pin output is
CE2B.
10.2.2
Bus Control Register 2 (BCR2)
Bus control register 2 (BCR2) is a 16-bit read/write register that selects the bus size of each area,
and whether to use the 8-bit port. It is initialized to H'3FFC by a power-on reset, but is not
initialized by a manual reset or in standby mode. Do not access external memory outside area 0
until BCR2 register initialization is complete.
Bit:
15
14
13
12
11
10
9
8
Bit name:
A6SZ1
A6SZ0
A5SZ1
A5SZ0
A4SZ1
A4SZ0
Initial value:
0
0
1
1
1
1
1
1
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
A3SZ1
A3SZ0
A2SZ1
A2SZ0
A1SZ1
A1SZ0
PORTEN
Initial value:
1
1
1
1
1
1
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15, 14, and 1—Reserved: These bits always read 0. The write value should always be 0.
Bits 2n + 1, 2n—Area n (1–6) Bus Size Specification (AnSZ1, AnSZ0): These bits specify the bus
sizes of physical space area n (n = 1 to 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com