Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 223 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 219Page - Renesas Technology Corp SH7708 Datasheet HTML 220Page - Renesas Technology Corp SH7708 Datasheet HTML 221Page - Renesas Technology Corp SH7708 Datasheet HTML 222Page - Renesas Technology Corp SH7708 Datasheet HTML 223Page - Renesas Technology Corp SH7708 Datasheet HTML 224Page - Renesas Technology Corp SH7708 Datasheet HTML 225Page - Renesas Technology Corp SH7708 Datasheet HTML 226Page - Renesas Technology Corp SH7708 Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 633 page
background image
205
Bit:
15
14
13
12
11
10
9
8
Bit name: WAITSEL*
A6IW1
A6IW0
A5IW1
A5IW0
A4IW1
A4IW0
Initial value:
0
0111111
R/W:
W
R
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6543210
Bit name:
A3IW1
A3IW0
A2IW1
A2IW0
A1IW1
A1IW0
A0IW1
A0IW0
Initial value:
1
1111111
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note: * SH7708R A-mask version only
Bits 15 and 14 —Reserved: These bits always read 0. The write value should always be 0.
Bit 15—WAIT Signal Sampling Timing Specification (WAITSEL) [A-mask version only]
Bit 15: WAITSEL
Description
0
WAIT signal is sampled at rise of CKIO
In this case, the WAIT signal should be input synchronously
(Initial value)
1
WAIT signal is sampled at fall of CKIO
In this case, the WAIT signal can be input asynchronously
Bits 2n + 1, 2n—Area n (6–0) Intercycle Idle Specification (AnIW1, AnIW0): These bits specify
the number of idles inserted between bus cycles when switching between physical space area n (6–
0) to another space or between a read access to a write access in the same physical space.
Bit 2n + 1: AnIW1
Bit 2n: AnIW0
Description
0
0
No idle cycles
1
1 idle cycle inserted
1
0
2 idle cycles inserted
1
3 idle cycles inserted
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com