Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 260Page - Renesas Technology Corp SH7708 Datasheet HTML 261Page - Renesas Technology Corp SH7708 Datasheet HTML 262Page - Renesas Technology Corp SH7708 Datasheet HTML 263Page - Renesas Technology Corp SH7708 Datasheet HTML 264Page - Renesas Technology Corp SH7708 Datasheet HTML 265Page - Renesas Technology Corp SH7708 Datasheet HTML 266Page - Renesas Technology Corp SH7708 Datasheet HTML 267Page - Renesas Technology Corp SH7708 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 633 page
background image
246
Burst Access: In addition to the normal DRAM access mode in which a row address is output in
each data access, a high-speed page mode is also provided in cases where consecutive accesses are
made to the same row. This mode allows fast access to data by outputting the row address only
once, then changing only the column address for each subsequent access. Normal access or burst
access using high-speed page mode can be selected by means of the burst enable (BE) bit in MCR
and DCR. The timing for burst access using high-speed page mode is shown in figure 10.17.
In burst transfer, 4 (longword access) or 16 (cache fill or cache write-back) bytes of data are burst-
transferred in a 16-bit bus size. With a 32-bit bus size, 16 bytes of data are burst-transferred (cache
fill or cache write-back). In a 16-byte burst transfer (cache fill), the first access comprises a
longword that includes the data requiring access. The remaining accesses are performed on 16-
byte boundary data that includes the relevant data. In burst transfer (cache write-back), sequential
writing is performed if first-to-last order for 16-byte boundary data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com