| Electronic Components Datasheet Search |
|
SH7764 Datasheet(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7764 Datasheet(HTML) 39 Page - Renesas Technology Corp |
|
39 / 1752 page ![]() Rev. 1.00 Nov. 22, 2007 Page xxxix of lvi Section 20 Ethernet Controller Direct Memory Access Controller (E-DMAC) Figure 20.1 Configuration of E-DMAC, and Descriptors and Buffers.......................................... 750 Figure 20.2 Relationship between Transmit Descriptor and Transmit Buffer............................... 787 Figure 20.3 Relationship between Receive Descriptor and Receive Buffer.................................. 791 Figure 20.4 Sample Transmission Flowchart (Single-Frame/Two-Descriptor) ................................... 796 Figure 20.5 Sample Reception Flowchart (Single-Frame/Two-Descriptor).................................. 798 Figure 20.6 E-DMAC Operation after Transmit Error .................................................................. 799 Figure 20.7 E-DMAC Operation after Receive Error.................................................................... 800 Section 21 USB 2.0 Host/Function Module (USB) Figure 21.1 UBS Connector Connection ....................................................................................... 935 Figure 21.2 Items Relating to Interrupts........................................................................................ 940 Figure 21.3 Timing at which a BRDY Interrupt is Generated....................................................... 945 Figure 21.4 Timing at which NRDY Interrupt is Generated when Function Controller Function is Selected ................................................................................................... 951 Figure 21.5 Timing at which BEMP Interrupt is Generated when Function Controller Function is Selected ................................................................................................... 953 Figure 21.6 Device State Transitions............................................................................................. 954 Figure 21.7 Control Transfer Stage Transitions ............................................................................ 956 Figure 21.8 Example of SOFR Interrupt Output Timing............................................................... 957 Figure 21.9 Example of a Buffer Memory Map ............................................................................ 970 Figure 21.10 Example of Buffer Memory Settings ....................................................................... 974 Figure 21.11 Example of Buffer Memory Operation .................................................................... 976 Figure 21.12 Token Issuance when IITV = 0 ................................................................................ 990 Figure 21.13 Token Issuance when IITV = 1 ................................................................................ 991 Figure 21.14 Relationship between ( µ) Frames and Expected Token Reception when IITV = 0 ................................................................................................................... 992 Figure 21.15 Relationship between ( µ) Frames and Expected Token Reception when IITV ≠ 0 ...................................................................................................................993 Figure 21.16 Example of Data Setup Function Operation............................................................. 995 Figure 21.17 Example of Buffer Flush Function Operation .......................................................... 996 Figure 21.18 Example of an Interval Error Being Generated when IITV = 1 ............................... 997 Section 22 LCD Controller (LCDC) Figure 22.1 LCDC Block Diagram.............................................................................................. 1002 Figure 22.2 Valid Display and the Retrace Period ...................................................................... 1038 Figure 22.3 Color-Palette Data Format ....................................................................................... 1039 Figure 22.4 Power-Supply Control Sequence and States of the LCD Module ............................ 1045 Figure 22.5 Power-Supply Control Sequence and States of the LCD Module ............................ 1045 Figure 22.6 Power-Supply Control Sequence and States of the LCD Module ............................ 1046 Figure 22.7 Power-Supply Control Sequence and States of the LCD Module ............................ 1046 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |