| Electronic Components Datasheet Search |
|
SH7764 Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7764 Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 1752 page ![]() Rev. 1.00 Nov. 22, 2007 Page xlix of lvi Table 11.11 16-Bit External Device/Little-Endian Access and Data Alignment (Areas 0 and 3).................................................................................................. 310 Table 11.12 8-Bit External Device/Little-Endian Access and Data Alignment (Areas 0 and 3).................................................................................................. 311 Table 11.13 32-Bit External Device/Big-Endian Access and Data Alignment (Areas 1 and 2).................................................................................................. 312 Table 11.14 32-Bit External Device/Little-Endian Access and Data Alignment (Areas 1 and 2).................................................................................................. 313 Table 11.15 64-Bit External Device/Big-Endian Access and Data Alignment (Areas 1 and 2).................................................................................................. 314 Table 11.16 64-Bit External Device/Little-Endian Access and Data Alignment (Areas 1 and 2).................................................................................................. 315 Table 11.17 Supported Commands for SDRAM .................................................................. 324 Table 11.18 SDRAM Bus Widths and Address Multiplexing (External Bus Width is 32 Bits) ........................................................................ 327 Table 11.19 Correspondence between Linear Addresses and Tiled Memory Addresses...... 355 Section 12 Direct Memory Access Controller (DMAC) Table 12.1 Pin Configuration.................................................................................................. 361 Table 12.2 Register Configuration of DMAC......................................................................... 362 Table 12.3 State of Registers in Each Operating Mode .......................................................... 364 Table 12.4 Transfer Request Sources ..................................................................................... 383 Table 12.5 Setting External Request Mode with RS Bits ....................................................... 384 Table 12.6 Selecting External Request Detection with DL, DS Bits ...................................... 385 Table 12.7 Selecting External Request Detection with DO Bit .............................................. 385 Table 12.8 Selecting On-Chip Peripheral Module Request Modes with Bits RS[3:0] ........... 386 Table 12.9 DMA Transfer Matrix in Auto-Request Mode ..................................................... 396 Table 12.10 DMA Transfer Matrix in External Request Mode (Only Channels 0 and 1) .... 396 Table 12.11 DMA Transfer Matrix in On-Chip Peripheral module Request Mode.............. 397 Section 13 Interrupt Controller (INTC) Table 13.1 Interrupt Types...................................................................................................... 412 Table 13.2 INTC Pin Configuration ....................................................................................... 414 Table 13.3 INTC Register Configuration ............................................................................... 415 Table 13.4 Register States in Each Operating Mode .............................................................. 417 Table 13.5 Interrupt Request Sources and INT2PRI0 to INT2PRI12..................................... 431 Table 13.6 Interrupt Exception Handling and Priority............................................................ 458 Table 13.7 Interrupt Response Time....................................................................................... 465 Table 13.8 Switching Sequence of IRQ1 and IRQ0 Pin Function.......................................... 467 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |