Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4514 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 4514
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4514 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 4514 Datasheet HTML 35Page - Renesas Technology Corp 4514 Datasheet HTML 36Page - Renesas Technology Corp 4514 Datasheet HTML 37Page - Renesas Technology Corp 4514 Datasheet HTML 38Page - Renesas Technology Corp 4514 Datasheet HTML 39Page - Renesas Technology Corp 4514 Datasheet HTML 40Page - Renesas Technology Corp 4514 Datasheet HTML 41Page - Renesas Technology Corp 4514 Datasheet HTML 42Page - Renesas Technology Corp 4514 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 210 page
background image
1-26
HARDWARE
4513/4514 Group User’s Manual
FUNCTION BLOCK OPERATIONS
Table 7 External interrupt activated conditions
Name
External 0 interrupt
External 1 interrupt
Input pin
P30/INT0
P31/INT1
Activated condition
When the next waveform is input to P30/INT0 pin
• Falling waveform (“H”
→“L”)
• Rising waveform (“L”
→“H”)
• Both rising and falling waveforms
When the next waveform is input to P31/INT1 pin
• Falling waveform (“H”
→“L”)
• Rising waveform (“L”
→“H”)
• Both rising and falling waveforms
Valid wavefor m
selection bit
I11
I12
I21
I22
Fig. 17 External interrupt circuit structure
EXTERNAL INTERRUPTS
The 4513/4514 Group has two external interrupts (external 0 and
external 1). An external interrupt request occurs when a valid
waveform is input to an interrupt input pin (edge detection).
The external interrupts can be controlled with the interrupt control
registers I1 and I2.
0
1
I22
0
1
EXF1
I21
SNZI1
P31/INT1
0
1
I12
Wakeup
Skip
0
1
EXF0
I11
SNZI0
P30/INT0
Rising
Falling
One-sided edge
detection circuit
Both edges
detection circuit
External 0
interrupt
External 1
interrupt
Wakeup
Skip
Rising
Falling
One-sided edge
detection circuit
Both edges
detection circuit
This symbol represents a parasitic diode on the port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com