Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4514 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 4514
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4514 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 4514 Datasheet HTML 55Page - Renesas Technology Corp 4514 Datasheet HTML 56Page - Renesas Technology Corp 4514 Datasheet HTML 57Page - Renesas Technology Corp 4514 Datasheet HTML 58Page - Renesas Technology Corp 4514 Datasheet HTML 59Page - Renesas Technology Corp 4514 Datasheet HTML 60Page - Renesas Technology Corp 4514 Datasheet HTML 61Page - Renesas Technology Corp 4514 Datasheet HTML 62Page - Renesas Technology Corp 4514 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 210 page
background image
1-46
HARDWARE
4513/4514 Group User’s Manual
FUNCTION BLOCK OPERATIONS
(15) Notes for the use of A-D conversion 2
Do not change the operating mode (both A-D conversion mode and
comparator mode) of A-D converter with bit 3 of register Q2 while
A-D converter is operating.
When the operating mode of A-D converter is changed from the
comparator mode to A-D conversion mode with the bit 3 of register
Q2, note the following;
• Clear bit 2 of register V2 to “0” to change the operating mode of
the A-D converter from the comparator mode to A-D conversion
mode with the bit 3 of register Q2.
• The A-D conversion completion flag (ADF) may be set when the
operating mode of the A-D converter is changed from the com-
parator mode to the A-D conversion mode. Accordingly, set a
value to register Q2, and execute the SNZAD instruction to clear
the ADF flag.
(16) Definition of A-D converter accuracy
The A-D conversion accuracy is defined below (refer to Figure 30).
• Relative accuracy
Œ Zero transition voltage (V0T)
This means an analog input voltage when the actual A-D con-
version output data changes from “0” to “1.”
 Full-scale transition voltage (VFST)
This means an analog input voltage when the actual A-D con-
version output data changes from “1023” to ”1022.”
Ž Linearity error
This means a deviation from the line between V0T and VFST of
a converted value between V0T and VFST.
 Differential non-linearity error
This means a deviation from the input potential difference re-
quired to change a converter value between V0T and VFST by 1
LSB at the relative accuracy.
• Absolute accuracy
This means a deviation from the ideal characteristics between 0
to VDD of actual A-D conversion characteristics.
Fig. 30 Definition of A-D conversion accuracy
Vn: Analog input voltage when the output data changes from “n” to “n+1” (n = 0 to 1022)
• 1LSB at relative accuracy
→
(V)
• 1LSB at absolute accuracy
→
(V)
VFST–V0T
1022
VDD
1024
VDD
V1022
Vn
V1
V0
Vn+1
n+1
n
1022
1023
1
0
b
a
c
Output data
Differential non-linearity error =
Linearity error =
[LSB]
c
a
b–a
a
[LSB]
Actual A-D conversion
characteristics
a: 1LSB by relative accuracy
b: Vn+1–Vn
c: Difference between ideal Vn
and actual Vn
Zero transition voltage (V0T)
Analog voltage
Full-scale transition voltage (VFST)
Ideal line of A-D conversion
between V0–V1022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com