Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5103DAPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5103DAPR
Description  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5103DAPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5103DAPR Datasheet HTML 5Page - Texas Instruments TAS5103DAPR Datasheet HTML 6Page - Texas Instruments TAS5103DAPR Datasheet HTML 7Page - Texas Instruments TAS5103DAPR Datasheet HTML 8Page - Texas Instruments TAS5103DAPR Datasheet HTML 9Page - Texas Instruments TAS5103DAPR Datasheet HTML 10Page - Texas Instruments TAS5103DAPR Datasheet HTML 11Page - Texas Instruments TAS5103DAPR Datasheet HTML 12Page - Texas Instruments TAS5103DAPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DC Characteristics
TAS5102
TAS5103
www.ti.com .............................................................................................................................................................. SLLS801A – JUNE 2008 – REVISED JUNE 2008
RL= 8 Ω, FPWM = 384 kHz (unless otherwise noted). All performance is in accordance with recommended operating
conditions, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal Voltage Regulator and Current Consumption
VSS
Digital Input Supply Voltage, VREG
3
3.3
3.6
V
Operating, 50% duty cycle
6.5
10
I(VREG)
Supply current, VREG
mA
Reset mode, no switching
6.5
10
50% duty cycle, without output filter or load
35
50
I(PVDD_X)
Total Half-bridge idle current
mA
Reset mode, no switching
5
6.3
Output Stage MOSFETs
Drain-to-source resistance, LS
TJ = 25°C, includes metallization resistance
180
m
Ω
RDS(on)
Drain-to-source resistance, HS
TJ = 25°C, includes metallization resistance
180
m
Ω
I/O Protection
Undervoltage protection limit, GVDD_X,
Vuvp,G
5.7
V
voltage rising
Undervoltage protection limit, GVDD_X,
Vuvp,G
5.5
V
voltage falling
OTW(1)
Overtemperature warning
125
°C
Temperature drop needed below OTW
OTWHYST
(1)
temperature for OTW to be inactive after
25
°C
the OTW event
OTE(1)
Overtemperature error
150
°C
OTE-OTW(1)
OTE-OTW differential
25
°C
A RESET must occur to exit shutdown
OTEHYST
(1)
and to release FAULT following an OTE
30
°C
event.
OCPC
Overcurrent protection counter
FPWM = 384 kHz
0.63
ms
Resistor—programmable, max. current,
IOC
Overcurrent limit protection
4.5
A
ROCP = 22 kΩ
IOCT
Overcurrent response time
150
ns
Resistor tolerance = 5% for typical value; the
24
k
Ω
ROCP
OC programming resistor range
20
22
minimum resistance should not be less than 20k
Ω.
Internal pulldown resistor at the output of Connected when RESET is active to provide
RPD
3
k
Ω
each half-bridge
bootstrap capacitor charge. Not used in SE mode
(1)
Specified by design
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5102 TAS5103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com