Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5103DAPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5103DAPR
Description  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5103DAPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5103DAPR Datasheet HTML 7Page - Texas Instruments TAS5103DAPR Datasheet HTML 8Page - Texas Instruments TAS5103DAPR Datasheet HTML 9Page - Texas Instruments TAS5103DAPR Datasheet HTML 10Page - Texas Instruments TAS5103DAPR Datasheet HTML 11Page - Texas Instruments TAS5103DAPR Datasheet HTML 12Page - Texas Instruments TAS5103DAPR Datasheet HTML 13Page - Texas Instruments TAS5103DAPR Datasheet HTML 14Page - Texas Instruments TAS5103DAPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
f − Frequency − Hz
20
VCC = 18 V
RL = 8 Ω (BTL)
Gain = 3 dB
100
1k
10k
0.001
10
20k
0.1
G003
1
0.01
PO = 10 W
PO = 5 W
PO = 1 W
PO − Output Power − W
0.01
VCC = 8 V
RL = 8 Ω (BTL)
Gain = 3 dB
0.1
1
10
0.001
0.01
10
40
0.1
G004
1
f = 20 Hz
f = 1 kHz
f = 10 kHz
PO − Output Power − W
0.01
VCC = 12 V
RL = 8 Ω (BTL)
Gain = 3 dB
0.1
1
10
0.001
0.01
10
40
0.1
G005
1
f = 20 Hz
f = 1 kHz
f = 10 kHz
PO − Output Power − W
0.01
VCC = 18 V
RL = 8 Ω (BTL)
Gain = 3 dB
0.1
1
10
0.001
0.01
10
40
0.1
G006
1
f = 20 Hz
f = 1 kHz
f = 10 kHz
TAS5102
TAS5103
www.ti.com .............................................................................................................................................................. SLLS801A – JUNE 2008 – REVISED JUNE 2008
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5102 TAS5103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com