Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45196L Datasheet(PDF) 2 Page - EPCOS

Part # B45196L
Description  Tantalum Chip Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196L Datasheet(HTML) 2 Page - EPCOS

  B45196L Datasheet HTML 1Page - EPCOS B45196L Datasheet HTML 2Page - EPCOS B45196L Datasheet HTML 3Page - EPCOS B45196L Datasheet HTML 4Page - EPCOS B45196L Datasheet HTML 5Page - EPCOS B45196L Datasheet HTML 6Page - EPCOS B45196L Datasheet HTML 7Page - EPCOS B45196L Datasheet HTML 8Page - EPCOS B45196L Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Construction
Polar tantalum capacitors with solid
electrolyte
Conventional TaMnO2 technology
Flame-retardant plastic case (UL 94 V-0)
Optionally tinned or gold-plated terminals
Features
Meets AEC-Q200 requirements
Ultra-high volumetric efficiency
Excellent solderability
Stable temperature and frequency characteristics
Low leakage current, low dissipation factor
Low self-inductance
High resistance to shock and vibration
Suitable for use without series resistor (recommended operating conditions see
www.epcos.com/tantalum_gti, section 4.4)
Lead-free and material content compatible with RoHS
Applications
Automotive electronics (e.g. safety applications e.g airbags, ABS, motor management)
Measuring and control engineering (e.g. voltage regulators)
DC/DC converters
Soldering
Suitable for reflow soldering (IR and vapor phase, in compliance with JEDEC J-STD-020 C) and
wave soldering
Delivery mode
Taped and reeled in accordance with IEC 60286-3
Tantalum chip capacitors
B45196L, B45198L
Automotive
Page 2 of 16
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com