Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45196L Datasheet(PDF) 5 Page - EPCOS

Part # B45196L
Description  Tantalum Chip Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196L Datasheet(HTML) 5 Page - EPCOS

  B45196L Datasheet HTML 1Page - EPCOS B45196L Datasheet HTML 2Page - EPCOS B45196L Datasheet HTML 3Page - EPCOS B45196L Datasheet HTML 4Page - EPCOS B45196L Datasheet HTML 5Page - EPCOS B45196L Datasheet HTML 6Page - EPCOS B45196L Datasheet HTML 7Page - EPCOS B45196L Datasheet HTML 8Page - EPCOS B45196L Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Specifications and characteristics in brief
Series
Automotive
Ordering code
B45196L
B45198L
Technology
Ta-MnO2
Ta-MnO2
Terminals
Tinned
Gold-plated
Rated voltage
(up to 85
°C)
VR
4 ... 50
VDC
Rated capacitance
(20
°C, 120 Hz)
CR
0.10 ... 1000
µF
Capacitance tolerance
±20%, ±10%
Maximum impedance
(20
°C, 100 kHz)
Zmax
0.6 ... 27
Ω
Operating temperature range
Top
55 ... +125
°C
Failure rate
(1 fit = 1 10-9 failures/h)
CR VR
≤ 330 µF V
CR VR > 330
µF V
(at 40
°C; ≤ V
R,
RS
≥ 3 Ω/V)
≤3 or 8
≤10 or 24
(dependent on type)
fit
Service life
>500000
h
Leakage current
(VR, 5 min, 20
°C)
Ileak
10
nA/
µC
Detail specification
CECC 30801-801
Climatic category
(to IEC 60068-1)
( 55
°C/+125 °C/56
days damp heat test)
55/125/56
Tantalum chip capacitors
B45196L, B45198L
Automotive
Page 5 of 16
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com