Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1904 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA1904
Description  4WAUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1904 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA1904 Datasheet HTML 1Page - STMicroelectronics TDA1904 Datasheet HTML 2Page - STMicroelectronics TDA1904 Datasheet HTML 3Page - STMicroelectronics TDA1904 Datasheet HTML 4Page - STMicroelectronics TDA1904 Datasheet HTML 5Page - STMicroelectronics TDA1904 Datasheet HTML 6Page - STMicroelectronics TDA1904 Datasheet HTML 7Page - STMicroelectronics TDA1904 Datasheet HTML 8Page - STMicroelectronics TDA1904 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TDA1904
4W AUDIO AMPLIFIER
HIGH OUTPUT CURRENT CAPABILITY
PROTECTION AGAINST CHIP OVERTEM-
PERATURE
LOW NOISE
HIGH SUPPLY VOLTAGE REJECTION
SUPPLY VOLTAGE RANGE: 4V TO 20V
DESCRIPTION
The TDA 1904 is a monolithic integrated circuit in
POWERDIP package intended for use as low-fre-
quency power amplifier in wide range of applica-
tions in portable radio and TV sets.
March 1993
Symbol
Parameter
Value
Unit
VS
Supply voltage
20
V
IO
Peak output current (non repetitive)
2.5
A
IO
Peak output current (repetitive)
2
A
Ptot
Total power dissipation at Tamb =80
°C
1W
at Tpins =60
°C
6W
Tstg,Tj
Storage and junction temperature
-40 to 150
°C
ABSOLUTE MAXIMUM RATINGS
TEST AND APPLICATION CIRCUIT
Powerdip
(8 + 8)
ORDERING NUMBER : TDA 1904
(*) R4 is necessary only for Vs <6V.
1/10


Similar Part No. - TDA1904

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
5W AUDIO AMPLIFIER WITH MUTING
Mar-1993
TDA1908 STMICROELECTRONICS-TDA1908 Datasheet
208Kb / 12P
8W AUDIO AMPLIFIER
Mar-1993
More results

Similar Description - TDA1904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
logo
American Accurate Compo...
JXWBLA-T-1-150-20 AAC-JXWBLA-T-1-150-20 Datasheet
59Kb / 1P
Amplifier
logo
RF Micro Devices
RFPA3800 RFMD-RFPA3800_14 Datasheet
1Mb / 12P
AMPLIFIER
logo
Mini-Circuits
ZFL-2HAD MINI-ZFL-2HAD Datasheet
267Kb / 2P
Amplifier
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
MMIC AMPLIFIER AMPLIFIER
logo
Marki Microwave
ADA-0416 MARKIMICROWAVE-ADA-0416 Datasheet
469Kb / 6P
MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-1030 MARKIMICROWAVE-ADA-1030 Datasheet
470Kb / 6P
MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
AMPLIFIER/DOUBLER/AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com