Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1904 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA1904
Description  4WAUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1904 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA1904 Datasheet HTML 1Page - STMicroelectronics TDA1904 Datasheet HTML 2Page - STMicroelectronics TDA1904 Datasheet HTML 3Page - STMicroelectronics TDA1904 Datasheet HTML 4Page - STMicroelectronics TDA1904 Datasheet HTML 5Page - STMicroelectronics TDA1904 Datasheet HTML 6Page - STMicroelectronics TDA1904 Datasheet HTML 7Page - STMicroelectronics TDA1904 Datasheet HTML 8Page - STMicroelectronics TDA1904 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply voltage
4
20
V
Vo
Quiescent output voltage
Vs =4V
Vs = 14V
2.1
7.2
V
Id
Quiescent drain current
Vs =9V
Vs = 14V
8
10
15
18
mA
Po
Output power
d = 10%
Vs =9V
Vs = 14V
Vs = 12V
Vs =6V
f = 1 KHz
RL =4
Ω
1.8
4
3.1
0.7
2
4.5
W
d
Harmonic distortion
f = 1 KHz
Vs =9V
RL =4
Ω
Po = 50 mW to 1.2W
0.1
0.3
%
Vi
Input saturation voltage
(rms)
Vs =9V
Vs = 14V
0.8
1.3
V
Ri
Input resistance (pin 8)
f = 1 KHz
55
150
K
Ω
η
Efficiency
f = 1 KHz
Vs =9V
RL =4
Ω
Po =2W
Vs = 14V
RL =4
Ω
Po = 4.5W
70
65
%
BW
Small signal bandwidth (-3 dB)
Vs = 14V
RL =4
Ω
40 to 40,000
Hz
Gv
Voltage gain (open loop)
Vs = 14V
f = 1 KHz
75
dB
Gv
Voltage gain (closed loop)
Vs = 14V
f = 1 KHz
RL =4
Ω
Po =1W
39.5
40
40.5
dB
eN
Total input noise
Rg =50
Ω
Rg =10 K
Ω
(
°)
1.2
24
µV
Rg =50
Ω
Rg =10 K
Ω
(
°°)
2
3
µV
SVR
Supply voltage rejection
Vs = 12V
fripple = 100 Hz
Vripple = 0.5 Vrms
Rg =10 K
Ω
40
50
dB
Tsd
Thermal shut-down case
temperature
Ptot = 2W
120
ÉC
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Tamb =25
°C, Rth (heatsink)=
20
°C/W, unless otherwisw specified)
Note: (
°) Weighting filter = curve A.
(
°°) Filter with noise bendwidth: 22Hz to 22 KHz.
3/10
TDA1904



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com