Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

041-043ASH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 041-043ASH
Description  Aluminum Capacitors Axial Standard, High Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

041-043ASH Datasheet(HTML) 2 Page - Vishay Siliconix

  041-043ASH Datasheet HTML 1Page - Vishay Siliconix 041-043ASH Datasheet HTML 2Page - Vishay Siliconix 041-043ASH Datasheet HTML 3Page - Vishay Siliconix 041-043ASH Datasheet HTML 4Page - Vishay Siliconix 041-043ASH Datasheet HTML 5Page - Vishay Siliconix 041-043ASH Datasheet HTML 6Page - Vishay Siliconix 041-043ASH Datasheet HTML 7Page - Vishay Siliconix 041-043ASH Datasheet HTML 8Page - Vishay Siliconix 041-043ASH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28329
188
Revision: 05-May-08
041 - 043 ASH
Vishay BCcomponents
Aluminum Capacitors
Axial Standard, High Voltage
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
Note
Detailed tape dimensions see section ‘PACKAGING’.
Table 2
73 ± 1.6
Ø D
Ø d
L
F
+
Form BR: Taped on reel
case Ø D x L = 6.5 x 18 to 15 x 30 mm
Form BA: Taped in box (ammopack)
case Ø D x L = 6.5 x 18 to 10 x 25 mm
Fig.2 Forms BA and BR
Ø D
IL
F
33 ± 1
Form AA: Axial in box
case Ø D x L = 10 x 30 to 21 x 38 mm
Fig.3 Form AA
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D X L
CASE
CODE
AXIAL: FORM AA, BA, AND BR
MASS
(g)
PACKAGING QUANTITIES
Ø dl
Ø Dmax.
Lmax.
Fmin.
FORM
AA
FORM
BA
FORM
BR
6.5 x 18
4
0.8
-
6.9
18.5
25
≈ 1.3
-
1000
1000
8 x 18
5
0.8
-
8.5
18.5
25
≈ 1.7
-
500
500
10 x 18
6
0.8
-
10.5
18.5
25
≈ 2.5
-
500
500
10 x 25
7
0.8
-
10.5
25.5
30
≈ 3.3
-
500
500
10 x 30
00
0.8
55 ± 1
10.5
30.5
35
≈ 4.8
340
-
500
12.5 x 30
01
0.8
55 ± 1
13.0
30.5
35
≈ 7.4
260
-
400
15 x 30
02
0.8
55 ± 1
15.5
30.5
35
≈ 11.7
200
-
250
18 x 30
03
0.8
55 ± 1
18.5
30.5
35
≈ 12.9
120
-
-
18 x 38
04
0.8
34 ± 1
18.5
39.5
44
≈ 19.0
125
-
-
21 x 38
05
0.8
34 ± 1
21.5
39.5
44
≈ 24.0
100
-
-
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
Nominal
CASE SIZE
Ø D x L
CASE
code
MOUNTING RING: Form MR
MASS
(g)
PACKAGING
QUANTITIES
Ø d1
Ø d2
Ø Dmax.
Ø D2max.
D3
Lmax.
15 x 30
02
0.8
1.0 + 0.4
15.5
17.5
16.5 ± 0.2
33
≈ 11.7
200
18 x 30
03
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
33
≈ 12.9
240
18 x 38
04
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
42
≈ 19.0
100
21 x 38
05
0.8
1.0 + 0.4
21.5
22.5
21.5 ± 0.2
42
≈ 24.0
100
D3
120 °C
(3 x)
d2
-
1.3 + 0.1
0
(3 x)
1.05 + 0.03
- 0.1
3.6 + 0.2
- 0.2
(3 x)
1.3 + 0
(3 x)
Mounting holes
90° ± 2°
(3 x)
- 0.05
D
L
+ 1.0
- 0.5
Ø d1
Ø D2
Fig.4
Mounting hole digram and outline; Form MR: With mounting ring and pins
Case Ø D x L = 15 x 30 to 21 x 38 mm
Case not insulated (insulation on request)
Especially for applications with severe
shocks and vibrations
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com