Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

041-043ASH Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 041-043ASH
Description  Aluminum Capacitors Axial Standard, High Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

041-043ASH Datasheet(HTML) 3 Page - Vishay Siliconix

  041-043ASH Datasheet HTML 1Page - Vishay Siliconix 041-043ASH Datasheet HTML 2Page - Vishay Siliconix 041-043ASH Datasheet HTML 3Page - Vishay Siliconix 041-043ASH Datasheet HTML 4Page - Vishay Siliconix 041-043ASH Datasheet HTML 5Page - Vishay Siliconix 041-043ASH Datasheet HTML 6Page - Vishay Siliconix 041-043ASH Datasheet HTML 7Page - Vishay Siliconix 041-043ASH Datasheet HTML 8Page - Vishay Siliconix 041-043ASH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 28329
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 05-May-08
189
041 - 043 ASH
Aluminum Capacitors
Axial Standard, High Voltage
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 3 apply at
Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 041 series
10 µF/250 V; - 10/+ 50 %
Nominal case size: Ø 10 x 25 mm; Form BA
Ordering code: MAL204133109E3
Former 12NC: 2222 041 33109
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance - 10 to + 50
IR
rated RMS ripple current at 100 Hz, 85
°C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
ESR
equivalent series resistance at 100 Hz
(calculated from tan
δ
max. and CR)
Z
max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE
SIZE
Ø D x L
(mm)
CASE
CODE
IR
100 Hz
85 °C
(mA)
IL1
1min
(µA)
IL5
5min
(µA)
tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
ORDERING CODE MAL2..........
IN BOX
FORM AA
TAPED ON
REEL
FORM BR
TAPED IN
BOX
FORM BA
MOUNTING
RING
FORM MR
160
4.7
6.5 x 18
4
50
38
8
0.15
51
26
-
04121478E3
04131478E3
-
10
8 x 18
5
70
68
14
0.15
24
12
-
04121109E3
04131109E3
-
22
10 x 25
7
150
130
25
0.15
11
5.5
-
04121229E3
04131229E3
-
22
10 x 30
00
190
42
25
0.10
6.8
5.5
04211229E3
04221229E3
-
-
33
12.5 x 30
01
270
58
36
0.10
4.5
3.1
04211339E3
04221339E3
-
-
47
15 x 30
02
350
78
49
0.10
3.2
2.1
04211479E3
04221479E3
-
04241479E3
68
15 x 30
02
420
110
69
0.10
2.2
1.4
04211689E3
04221689E3
-
04241689E3
100
18 x 30
03
580
150
100
0.10
1.5
1.0
04211101E3
-
-
04241101E3
150
18 x 38
04
760
230
150
0.10
1.0
0.7
04311151E3
-
-
04341151E3
220
21 x 38
05
940
330
220
0.10
0.7
0.5
04311221E3
-
-
04341221E3
250
2.2
6.5 x 18
4
35
28
6
0.10
72
50
-
04123228E3
04133228E3
-
4.7
8 x 18
5
55
55
11
0.10
34
23
-
04123478E3
04133478E3
-
10
10 x 25
7
90
95
19
0.10
16
11
-
04123109E3
04133109E3
-
10
10 x 30
00
130
33
19
0.10
15
11
04213109E3
04223109E3
-
-
15
12.5 x 30
01
180
44
27
0.10
10
7.4
04213159E3
04223159E3
-
-
22
12.5 x 30
01
220
60
37
0.10
6.8
5.0
04213229E3
04223229E3
-
-
33
15 x 30
02
290
84
54
0.10
4.5
3.4
04213339E3
04223339E3
-
04243339E3
47
18 x 30
03
400
120
75
0.10
3.2
2.3
04213479E3
-
-
04243479E3
68
18 x 38
04
520
160
110
0.10
2.2
1.7
04313689E3
-
-
04343689E3
100
21 x 38
05
650
240
150
0.10
1.5
1.1
04313101E3
-
-
04343101E3
350
4.7
10 x 18
6
60
69
14
0.10
34
22
-
04125478E3
04135478E3
-
6.8
10 x 30
00
110
32
18
0.10
22
14
04215688E3
04225688E3
-
-
10
12.5 x 30
01
150
42
25
0.10
15
10
04215109E3
04225109E3
-
-
15
12.5 x 30
01
180
57
36
0.10
10
6.7
04215159E3
04225159E3
-
-
22
15 x 30
02
250
79
50
0.10
6.8
4.5
04215229E3
04225229E3
-
04245229E3
33
18 x 30
03
350
110
73
0.10
4.5
3.1
04215339E3
-
-
04245339E3
47
18 x 38
04
450
160
100
0.10
3.2
2.1
04315479E3
-
-
04345479E3
68
21 x 38
05
560
220
150
0.10
2.2
1.4
04315689E3
-
-
04345689E3
385
1
6.5 x 18
4
20
19
4
0.10
160
100
-
04128108E3
04138108E3
-
2.2
8 x 18
5
40
42
8
0.10
72
45
-
04128228E3
04138228E3
-
4.7
10 x 25
7
70
71
15
0.10
34
22
-
04128478E3
04138478E3
-
6.8
10 x 30
00
110
34
20
0.10
22
14
04218688E3
04228688E3
-
-
10
12.5 x 30
01
150
45
27
0.10
15
10
04218109E3
04228109E3
-
-
15
15 x 30
02
210
62
39
0.10
10
6.0
04218159E3
04228159E3
-
04248159E3
22
18 x 30
03
290
86
55
0.10
6.8
4.1
04218229E3
-
-
04248229E3
33
18 x 38
04
380
120
80
0.10
4.5
2.7
04318339E3
-
-
04348339E3
47
18 x 38
04
450
170
110
0.10
3.2
2.1
04318479E3
-
-
04348479E3
68
21 x 38
05
570
250
160
0.10
2.2
1.4
04318689E3
-
-
04348689E3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com