Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

048RML Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 048RML
Description  Aluminum Capacitors Radial Miniature Long Life
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

048RML Datasheet(HTML) 6 Page - Vishay Siliconix

  048RML Datasheet HTML 1Page - Vishay Siliconix 048RML Datasheet HTML 2Page - Vishay Siliconix 048RML Datasheet HTML 3Page - Vishay Siliconix 048RML Datasheet HTML 4Page - Vishay Siliconix 048RML Datasheet HTML 5Page - Vishay Siliconix 048RML Datasheet HTML 6Page - Vishay Siliconix 048RML Datasheet HTML 7Page - Vishay Siliconix 048RML Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 28318
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 05-May-08
123
048 RML
Aluminum Capacitors
Radial Miniature Long Life
Vishay BCcomponents
Table 3
RIPPLE CURRENT AND USEFUL LIFE
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
8090
100
110
lifetime multiplier
(1)
IA
IR
CCC206
I
A = actual ripple current at 100 Hz
I
R = rated ripple current at 100 Hz, 105 °C
(1) Useful life at 105 °C and I
R applied (see table 4)
Fig.13 Multiplier of useful life as a function of ambient temperature and ripple current load
T
amb (°C)
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR =6.3 to 25 V
UR =35 and 40 V
UR =50and 63 V
50
0.95
0.85
0.80
100
1.00
1.00
1.00
300
1.07
1.20
1.25
1000
1.12
1.30
1.40
3000
1.15
1.35
1.50
≥ 10 000
1.20
1.40
1.60



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com