Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

048RML Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 048RML
Description  Aluminum Capacitors Radial Miniature Long Life
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

048RML Datasheet(HTML) 1 Page - Vishay Siliconix

  048RML Datasheet HTML 1Page - Vishay Siliconix 048RML Datasheet HTML 2Page - Vishay Siliconix 048RML Datasheet HTML 3Page - Vishay Siliconix 048RML Datasheet HTML 4Page - Vishay Siliconix 048RML Datasheet HTML 5Page - Vishay Siliconix 048RML Datasheet HTML 6Page - Vishay Siliconix 048RML Datasheet HTML 7Page - Vishay Siliconix 048RML Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Aluminum Capacitors
Radial Miniature Long Life
048 RML
Vishay BCcomponents
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28318
118
Revision: 05-May-08
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case with
pressure relief, insulated with a blue vinyl sleeve
• Charge and discharge proof
• Miniaturized, high CV-product per unit volume
• Very long useful life: 3000 to 4000 hours at 105 °C, high
reliability
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• EDP, telecommunication, industrial, automotive and
audio-video
• Smoothing, filtering, buffering in SMPS, timing
• Portable and mobile equipment (small size, low mass)
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Upper category temperature (105 °C)
• Negative terminal identification
• Series number (048)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
10 x 12 to 18 x 35
Rated capacitance range, CR
100 to 10 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 to63V
Category temperature range
- 40 to + 105
°C
Endurance test at 105 °C
2000 hours
Useful life at 105
°C
case Ø D = 10 and 12.5 mm
case Ø D = 16 and 18 mm
3000 hours
4000 hours
Useful life at 40 °C, 1.6 x IR applied
case Ø D = 10 and 12.5 mm
case Ø D = 16 and 18 mm
200 000 hours
260 000 hours
Shelf life at 0 V, 105
°C
1000 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/105/56
Fig.1 Component outline
116 RLL
152 RMH
miniaturized
high voltage
miniaturized
148 RUS
048 RML
136 RVI
150 RMI
lower
CV-values
longer life
lower Z
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
6.3
10
16
25
35
40
50
63
100
-
-
-
-
-
-
-
10 x 12
220
-
-
-
-
10 x 12
-
10 x 16
10 x 20
330
-
-
-
-
-
-
-
12.5 x 20
470
-
-
10 x 12
10 x 16
10 x 20
-
12.5 x 20
12.5 x 25
1000
-
10 x 16
10 x 20
12.5 x 20
12.5 x 25
-
16 x 25
16 x 31
2200
-
12.5 x 20
12.5 x 25
16 x 25
16 x 31
16 x 35
18 x 35
18 x 35
3300
-
12.5 x 25
16 x 25
16 x 31
18 x 35
18 x 35
18 x 35
-
4700
-
16 x 25
16 x 31
18 x 35
18 x 35
-
-
-
6800
16 x 25
16 x 31
16 x 35
-
-
-
-
-
10 000
16 x 35
18 x 35
18 x 35
-
-
-
-
-


Similar Part No. - 048RML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
048RML VISHAY-048RML Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature Long Life
28-Feb-17
048RML VISHAY-048RML Datasheet
100Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature Long Life
28-Feb-17
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature Long Life
28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature Long Life
28-Feb-17
More results

Similar Description - 048RML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
Aluminum Capacitors Radial Long Life
17-Jun-05
138AML VISHAY-138AML Datasheet
154Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
25-Oct-06
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
Aluminum Capacitors Radial, Standard Long-Life
19-Jun-08
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
Aluminum Capacitors Radial Long Life
14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
Aluminum Capacitors Radial Long Life
26-Apr-13
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
19-Sep-12
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature Long Life
28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature Long Life
28-Feb-17
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
Aluminum Electrolytic Capacitors Radial Long Life
15-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com