Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7269 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7269
Description  1010W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7269 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7269 Datasheet HTML 1Page - STMicroelectronics TDA7269 Datasheet HTML 2Page - STMicroelectronics TDA7269 Datasheet HTML 3Page - STMicroelectronics TDA7269 Datasheet HTML 4Page - STMicroelectronics TDA7269 Datasheet HTML 5Page - STMicroelectronics TDA7269 Datasheet HTML 6Page - STMicroelectronics TDA7269 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TDA7269
10 + 10W STEREO AMPLIFIER WITH MUTE & ST-BY
WIDE SUPPLY VOLTAGE RANGE UP TO
±20V
SPLIT SUPPLY
HIGH OUTPUT POWER
10 + 10W @ THD =10%, RL =8
Ω,VS = +14V
NO POP AT TURN-ON/OFF
MUTE (POP FREE)
STAND-BY FEATURE (LOW Iq)
THERMAL OVERLOAD PROTECTION
SHORT CIRCUIT PROTECTION TO GND
DESCRIPTION
The TDA7269 is class AB dual Audio power am-
plifier assembled in the Multiwatt package, spe-
cially designed for high quality sound application
as Hi-Fi music centers and stereo TV sets.
July 1998
®
Multiwatt11
ORDERING NUMBER: TDA7269
+5V
18K
15K
IN (L)
1
µF
15K
1
µF
MUTE/
ST-BY
GND
IN (R)
1
µF
4.7
Ω
4.7
Ω
100nF
100nF
OUT (L)
OUT (R)
1000
µF
1000
µF
+VS
3
5
7
9
6
11
2
4
+
+
-
-
D94AU085
RL (L)
RL (R)
-VS
µP
560
Ω
18K
IN- (L)
8
10
IN- (R)
1
560
Ω
18K
Figure 1: Typical Application Circuit
1/7


Similar Part No. - TDA7269

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269 Datasheet
224Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
1414W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-1998
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
More results

Similar Description - TDA7269

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
2525W STEREO AMPLIFIER WITH MUTE/ST-BY
1999-Apr
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
1998-Jul
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
1414W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-1998
TDA7499 STMICROELECTRONICS-TDA7499 Datasheet
70Kb / 7P
6 6W STEREO AMPLIFIER WITH MUTE & ST-BY
May-1997
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
107Kb / 7P
10 10W STEREO AMPLIFIER WITH MUTE/ST-BY
Sep-1995
TDA7269SA STMICROELECTRONICS-TDA7269SA Datasheet
200Kb / 11P
10W10W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
TDA7265SA STMICROELECTRONICS-TDA7265SA Datasheet
362Kb / 12P
18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-2004
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com