Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7269 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7269
Description  1010W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7269 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7269 Datasheet HTML 1Page - STMicroelectronics TDA7269 Datasheet HTML 2Page - STMicroelectronics TDA7269 Datasheet HTML 3Page - STMicroelectronics TDA7269 Datasheet HTML 4Page - STMicroelectronics TDA7269 Datasheet HTML 5Page - STMicroelectronics TDA7269 Datasheet HTML 6Page - STMicroelectronics TDA7269 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
±22
V
IO
Output Peak Current (internally limited)
3
A
Ptot
Power Dissipation Tcase =70
°C40
W
Top
Operating Temperature
0 to 70
°C
Tstg,Tj
Storage and Junction Temperature
-40 to +150
°C
1
2
3
4
5
6
7
9
10
11
8
IN+(1)
IN-(1)
GND
IN-(2)
IN+(2)
-VS
MUTE
OUTPUT(2)
+VS
OUTPUT(1)
-VS
TAB CONNECTED TO PIN 6
D95AU316
PIN CONNECTION (Top view)
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max
2.8
°C/W
PLAY
5V
R2
15K
IN (L)
C3 1
µF
R1
10K
C1
1
µF
MUTE/ST-BY
IN (R)
C4 1
µF
R8
4.7
R7
1K
C7
0.1
µF
OUT (L)
OUT (R)
C5
1000
µF
+VS
3
5
7
9
6
11
2
4
+
+
-
-
D96AU444
OUT
(L)
OUT
(R)
GND
R4
30K
IN- (L)
8
10
IN- (R)
1
R5
1K
R6
30K
R9
4.7
C9 470
µF
C10 470
µF
C8
0.1
µF
R3
15K
0
MUTE
Q1
BSX33
C6
0.1
µF
D1 5.1V
C2
100
µF
SINGLE SUPPLY APPLICATION
TDA7269
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com