Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116BFZ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 116BFZ
Description  Precision Rotative Transducers 360째 Special Laws: Sine/Cosine
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116BFZ Datasheet(HTML) 1 Page - Vishay Siliconix

  116BFZ Datasheet HTML 1Page - Vishay Siliconix 116BFZ Datasheet HTML 2Page - Vishay Siliconix 116BFZ Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Precision Rotative Transducers 360°
Special Laws: Sine/Cosine
Series 116 BFZ-SFZ
Vishay Sfernice
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 54006
48
Revision: 22-Mar-07
Rotational motion transducers with trigonometric laws for a
full angle measurement: 360° (no dead band).
FEATURES
• Laws: sine and cosine
• Size 11
• Continuous measure on 360°
• Long life up to 25 106 cycles
• Conformity from ± 1 % down to ± 0.5 %
• Bushing or servo mounting
• Following MIL-R-39023 requirements
SIZE
11
MODEL
116 SFZ
116 BFZ
LAW
Z: Sine and cosine
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
Theoretical Electrical Angle (TEA) = 360°
Actual electrical angle (AEA) = TEA
Conformity Peak to Peak
A
≤ ± 1 %
or
B
≤ ± 0.5 %
Number of Cups
Up to 2
Ohmic Values (RT per Quadrant)
1 k
Ω - 5 kΩ - 10 kΩ - on request other values
Ohmic Value Tolerances at 20 °C
± 20 %
Output Smoothness
≤ 0.05 %
Maximum Power Rating at 70 °C
0.4 W
Wiper Current
Recommended: a few µA - 1 mA max. (continuous)
Ground Taps
On request
Resistance Load on Wiper
Minimum 103 x RT
Resolution
Essentially infinite
Insulation Resistance
≥ 1000 MΩ, 500 V
DC
Dielectric Strength
≥ 500 V
RMS, 50 Hz
MECHANICAL SPECIFICATIONS
Mechanical Angle (MA)
360° continuous
Mounting Type
Servo
Bushing
Shaft Guiding
Ball bearings
Sleeve bearings
Shaft
Stainless steel
Housing
Plastic moulding
Termination
Turrets
Wiper
Precious metal multi-finger contact
Starting Torque (N.cm)
1 cup
≤ 0.3
≤ 0.5
2 cups
≤ 0.5
≤ 0.8
Weight (g)
30 ± 2 (1 cup) + 17 ± 2 (2 cups)


Similar Part No. - 116BFZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116BFZ VISHAY-116BFZ Datasheet
254Kb / 3P
Precision Rotative Transducers 360°S Special Laws: Sine/Cosine
26-Mar-15
116BFZ-SFZ VISHAY-116BFZ-SFZ Datasheet
257Kb / 3P
Precision Rotative Transducers 360° Special Laws: Sine/Cosine
26-Mar-15
116BFZ VISHAY-116BFZ_V01 Datasheet
254Kb / 3P
Precision Rotative Transducers 360°S Special Laws: Sine/Cosine
26-Mar-15
More results

Similar Description - 116BFZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
22-Mar-07
ROT156SF VISHAY-ROT156SF Datasheet
398Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Servo Mounting
22-Mar-07
ECO VISHAY-ECO Datasheet
566Kb / 4P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
07-Sep-07
ECS VISHAY-ECS Datasheet
319Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
24-May-07
116BFZ-SFZ VISHAY-116BFZ-SFZ Datasheet
257Kb / 3P
Precision Rotative Transducers 360° Special Laws: Sine/Cosine
26-Mar-15
116BFZ VISHAY-116BFZ_V01 Datasheet
254Kb / 3P
Precision Rotative Transducers 360°S Special Laws: Sine/Cosine
26-Mar-15
ECS VISHAY-ECS_V01 Datasheet
136Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
ROTBF VISHAY-ROTBF Datasheet
354Kb / 4P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
26-Mar-15
ROTSF VISHAY-ROTSF Datasheet
303Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Servo Mounting
26-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com