Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116RLL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 116RLL
Description  Aluminum Capacitors Radial Long Life
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116RLL Datasheet(HTML) 5 Page - Vishay Siliconix

  116RLL_08 Datasheet HTML 1Page - Vishay Siliconix 116RLL_08 Datasheet HTML 2Page - Vishay Siliconix 116RLL_08 Datasheet HTML 3Page - Vishay Siliconix 116RLL_08 Datasheet HTML 4Page - Vishay Siliconix 116RLL_08 Datasheet HTML 5Page - Vishay Siliconix 116RLL_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 28316
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 14-Oct-08
117
116 RLL
Aluminum Capacitors
Radial Long Life
Vishay BCcomponents
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Table 4
Fig.10 Multiplier of useful life as a function of ambient temperature and ripple current load
I
A = actual ripple current at 100 Hz
I
R = rated ripple current at 100 Hz, 105 °C
(1) = useful life at 105 °C and I
R applied: 2000 h
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
I
A
R
I
1)
MEA240
lifetime multiplier
T
amb (°C)
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR =6.3 to 10 V
UR =16to 35 V
UR =40 to 100 V (CR ≥ 10 µF)
50
0.70
0.60
0.50
100
0.77
0.71
0.63
300
0.86
0.85
0.78
1000
0.92
0.93
0.88
3000
0.96
0.96
0.94
10 to 100 k
1.00
1.00
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 105 °C; UR applied;
1500 h
UR ≤ 6.3 V; ΔC/C: + 15/- 30 %
UR > 6.3 V; ΔC/C: ± 15 %
tan
δ≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
2000 h
UR ≤ 6.3 V; ΔC/C: + 45/- 50 %
UR > 6.3 V; ΔC/C: ± 45 %
tan
δ≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1%
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 105 °C; no voltage applied;
1500 h
after test: UR to be applied for 30 min, 24 to 48 h
before measurement
ΔC/C, tan δ, Z:
for requirements
see ‘Endurance test’ above
IL5 ≤ 2 x spec. limit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com