Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116RLL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 116RLL
Description  Aluminum Capacitors Radial Long Life
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116RLL Datasheet(HTML) 1 Page - Vishay Siliconix

  116RLL_08 Datasheet HTML 1Page - Vishay Siliconix 116RLL_08 Datasheet HTML 2Page - Vishay Siliconix 116RLL_08 Datasheet HTML 3Page - Vishay Siliconix 116RLL_08 Datasheet HTML 4Page - Vishay Siliconix 116RLL_08 Datasheet HTML 5Page - Vishay Siliconix 116RLL_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 28316
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 14-Oct-08
113
Aluminum Capacitors
Radial Long Life
116 RLL
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case,
all-insulated (light blue)
• Natural pitch 2.5 mm and 5 mm
• Charge and discharge proof
• Miniaturized, high CV-product per unit volume
• Long useful life: 2000 h at 105 °C, high reliability
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• Automotive, telecommunication, industrial and EDP
• Stand-by applications in audio and video equipment
• Coupling, decoupling, timing; smoothing, filtering and
buffering in dc-to-dc converters
• Portable and mobile equipment (small size, low mass)
MARKING
The capacitors are marked (where possible)
with the following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Minus-sign on top to identify the negative terminal
• Series number (116)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal Case sizes (Ø D x L in mm)
5 x 11 and 8.2 x 11
Rated capacitance range, CR
0.47 to 470 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 to 100 V
Category temperature range
- 55 to + 105 °C
Endurance test at 105 °C
1500 hours
Endurance test at 85 °C
5000 hours
Useful life at 105 °C
2000 hours
Useful life at 40 °C, 1.3 x IR applied
200 000 hours
Shelf life at 0 V, 105 °C
1500 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
55/105/56
Fig.1 Component outline
036 RSP
048 RML
148 RUS
miniaturized
higher
CV-values
85 °C
116 RLL
105 °C
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
6.3
1016
2535
4050
63
100
0.47
--
--
--
5 x 11
-
-
1.0
-
--
--
-
5 x 11--
1.5
-
--
--
-
5 x 11--
2.2
-
--
--
-
5 x 11--
3.3
-
--
--
-
5 x 11--
4.7
-
-
-
-
-
-
5 x 11
-
8.2 x 11
6.8
-
--
--
-
5 x 11--
10
-
-
-
-
-
-
5 x 11
8.2 x 11
8.2 x 11
--
--
--
8.2 x 11
-
-
15
--
--
--
5 x 11
-
-
22
-
-
-
-
-
-
5 x 11
8.2 x 11
-
--
--
--
8.2 x 11
-
-
33
-
-
-
-
5 x 11
5 x 11
8.2 x 11
-
-
47
-
-
-
5 x 11
-
-
8.2 x 11
-
-
68
-
-
5 x 11
-
-
-
8.2 x 11
-
-
100
-
5 x 11
-
-
8.2 x 11
8.2 x 11
-
-
-
150
5 x 11
-
-
8.2 x 11
-
-
-
-
-
220
-
-
8.2 x 11
-
-
-
-
-
-
330
-
8.2 x 11-
--
--
--
470
8.2 x 11
--
--
--
--


Similar Part No. - 116RLL_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
Aluminum Capacitors Radial Long Life
26-Apr-13
116RLL VISHAY-116RLL_16 Datasheet
113Kb / 6P
Aluminum Electrolytic Capacitors
15-Jul-16
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
Aluminum Electrolytic Capacitors Radial Long Life
15-Jul-16
More results

Similar Description - 116RLL_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
Aluminum Capacitors Radial Long-Life, High Voltage
04-Nov-03
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
Aluminum Capacitors Radial Long Life
17-Jun-05
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
Aluminum Capacitors Radial, Standard Long-Life
19-Jun-08
048RML VISHAY-048RML Datasheet
111Kb / 8P
Aluminum Capacitors Radial Miniature Long Life
05-May-08
151RLH VISHAY-151RLH_08 Datasheet
98Kb / 6P
Aluminum Capacitors Radial Long-Life, High Voltage
27-May-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
Aluminum Capacitors Radial Long Life
26-Apr-13
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
Aluminum Capacitors Radial Long-Life, High Voltage
31-Jul-12
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
Aluminum Electrolytic Capacitors Radial Long Life
15-Jul-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com