Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN812RG Datasheet(PDF) 7 Page - STMicroelectronics

Part # TYN812RG
Description  SENSITIVE & STANDARD(12A SCRs)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN812RG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TYN812RG Datasheet HTML 3Page - STMicroelectronics TYN812RG Datasheet HTML 4Page - STMicroelectronics TYN812RG Datasheet HTML 5Page - STMicroelectronics TYN812RG Datasheet HTML 6Page - STMicroelectronics TYN812RG Datasheet HTML 7Page - STMicroelectronics TYN812RG Datasheet HTML 8Page - STMicroelectronics TYN812RG Datasheet HTML 9Page - STMicroelectronics TYN812RG Datasheet HTML 10Page - STMicroelectronics TYN812RG Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TN12, TS12 and TYNx12 Series
7/11
Table 7: Product Selector
Figure 18: DPAK Package Mechanical Data
Figure 19: DPAK Foot Print Dimensions
(in millimeters)
Part Numbers
Voltage (xxx)
Sensitivity
Package
600 V
700 V
800 V
1000 V
TN1215-xxxB
X
X
15 mA
DPAK
TN1215-xxxG
X
X
X
15 mA
D2PAK
TN1215-xxxH
X
X
15 mA
IPAK
TS1220-xxxB
X
X
0.2 mA
DPAK
TS1220-xxxH
X
X
0.2 mA
IPAK
TYNx12
X
X
X
15 mA
TO-220AB
TYNx12T
X
X
X
5 mA
TO-220AB
H
L4
G
B
L2
E
B2
D
A1
R
R
C
A
C2
0.60 MIN.
V2
A2
6.7
6.7
3
3
1.6
1.6
2.3
2.3
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max
Min.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.212
C
0.45
0.60
0.017
0.023
C2
0.48
0.60
0.018
0.023
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.251
0.259
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.397
L2
0.80 typ.
0.031 typ.
L4
0.60
1.00
0.023
0.039
V2
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com