Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN812RG Datasheet(PDF) 10 Page - STMicroelectronics

Part # TYN812RG
Description  SENSITIVE & STANDARD(12A SCRs)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN812RG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TYN812RG Datasheet HTML 3Page - STMicroelectronics TYN812RG Datasheet HTML 4Page - STMicroelectronics TYN812RG Datasheet HTML 5Page - STMicroelectronics TYN812RG Datasheet HTML 6Page - STMicroelectronics TYN812RG Datasheet HTML 7Page - STMicroelectronics TYN812RG Datasheet HTML 8Page - STMicroelectronics TYN812RG Datasheet HTML 9Page - STMicroelectronics TYN812RG Datasheet HTML 10Page - STMicroelectronics TYN812RG Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TN12, TS12 and TYNx12 Series
10/11
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
Table 8: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
TN1215-x00B
TN1215x00
DPAK
0.3 g
75
Tube
TN1215-x00B-TR
TN1215x00
DPAK
0.3 g
2500
Tape & reel
TN1215-x00G
TN1215x00G
D2PAK
1.5 g
50
Tube
TN1215-x00G-TR
TN1215x00G
D2PAK
1.5 g
1000
Tape & reel
TN1215-x00H
TN1215x00
IPAK
0.3 g
75
Tube
TS1220-x00B
TS1220x00
DPAK
0.3 g
75
Tube
TS1220-x00B-TR
TS1220x00
DPAK
0.3 g
2500
Tape & reel
TS1220-x00H
TS1220x00
IPAK
0.3 g
75
Tube
TYNx12RG
TYNx12
TO-220AB
2.3 g
50
Tube
TYNx12TRG
TYNx12T
TO-220AB
2.3 g
50
Tube
Note: x = voltage
Table 9: Revision History
Date
Revision
Description of Changes
Sep-2000
3
Last update.
25-Mar-2005
4
TO-220AB delivery mode changed from bulk to tube.
14-Oct-2005
5
Changed sensitivity values in Table 7 for TYNx12 (30 to
15 mA) and TYNx12T ( 15 to 5 mA). Added ECOPACK
statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com