Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

139CLL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 139CLL
Description  Aluminum Capacitors SMD (Chip) Long Life
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

139CLL Datasheet(HTML) 2 Page - Vishay Siliconix

  139CLL Datasheet HTML 1Page - Vishay Siliconix 139CLL Datasheet HTML 2Page - Vishay Siliconix 139CLL Datasheet HTML 3Page - Vishay Siliconix 139CLL Datasheet HTML 4Page - Vishay Siliconix 139CLL Datasheet HTML 5Page - Vishay Siliconix 139CLL Datasheet HTML 6Page - Vishay Siliconix 139CLL Datasheet HTML 7Page - Vishay Siliconix 139CLL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
139 CLL
Vishay
Aluminum Capacitors
SMD (Chip) Long Life
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28301
2
Revision: 28-May-08
DIMENSIONS in millimeters
Table 1
Note
1. Detailed tape dimensions see section ‘PACKAGING’.
33
-
-
-
14.3 x
6.2 x 6.9
14.3 x
7.6 x 8.2
--
-
47
-
-
14.3 x
6.2 x 6.9
14.3 x
7.6 x 8.2
--
-
-
68
-
14.3 x
6.2 x 6.9
-
---
-
-
100
14.3 x
6.2 x 6.9
-
14.3 x
7.6 x 8.2
---
-
-
150
-
14.3 x
7.6 x 8.2
-
---
-
-
220
14.3 x
7.6 x 8.2
-
-
---
-
-
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(µF)
UR (V)
6.3
10
16
25
40
50
63
100
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
L x W x H
CASE
CODE
Lmax.
Wmax.
Hmax.
Omax.
SGmax.
Rmin.
MASS
(g)
PACKAGING
QUANTITIES
PER REEL
14.3 x 6.2 x 6.9
2
14.5
6.3
7.05
13.0
2.15
7.5
4.7
≈ 0.95
700
14.3 x 7.6 x 8.2
3
14.5
7.7
8.35
13.0
2.85
7.5
4.7
≈ 1.3
700
S
± 0.3
2
+ 0.5
0
0.07
+ 0.05
0
0.05
+ 0.05
− 0.1
2
0
W
O
H
R
G
L
− 0.3
Fig.2 Dimensional outline



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com