Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

139CLL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 139CLL
Description  Aluminum Capacitors SMD (Chip) Long Life
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

139CLL Datasheet(HTML) 3 Page - Vishay Siliconix

  139CLL Datasheet HTML 1Page - Vishay Siliconix 139CLL Datasheet HTML 2Page - Vishay Siliconix 139CLL Datasheet HTML 3Page - Vishay Siliconix 139CLL Datasheet HTML 4Page - Vishay Siliconix 139CLL Datasheet HTML 5Page - Vishay Siliconix 139CLL Datasheet HTML 6Page - Vishay Siliconix 139CLL Datasheet HTML 7Page - Vishay Siliconix 139CLL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 28301
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 28-May-08
3
139 CLL
Aluminum Capacitors
SMD (Chip) Long Life
Vishay
Table 2
MOUNTING
The capacitors are designed for automatic placement on to printed-circuit boards or hybrid circuits.
Optimum dimensions of soldering pads depend amongst others on soldering method, mounting accuracy, print lay-out and/or
adjacent components.
For recommended soldering pad dimensions, refer to Fig.3 and Table 2.
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time, where the temperature is that measured on the
soldering pad during processing.
For maximum conditions of different soldering methods see
Figs 4, 5 and 6.
Any temperature versus time curve which does not exceed
the specified maximum curves may be applied.
AS A GENERAL PRINCIPLE, TEMPERATURE AND
DURATION SHALL BE THE MINIMUM NECESSARY
REQUIRED TO ENSURE GOOD SOLDERING
CONNECTIONS. HOWEVER, THE SPECIFIED MAXIMUM
CURVES SHOULD NEVER BE EXCEEDED.
Table 3
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters (placement accuracy ± 0.25 mm)
NOMINAL CASE SIZE
L x W x H
FOR REFLOW SOLDERING
FOR WAVE SOLDERING
AB
CD
E
F
G
A
BC
D
E
F
G
14.3 x 6.2 x 6.9
15.8
8.8
3.5
2.8
8.0
16.2
7.7
18.6
10.0
4.3
5.0
8.8
20.5
11.5
14.3 x 7.6 x 8.2
15.8
8.8
3.5
2.8
8.0
16.2
9.1
18.6
10.0
4.3
6.0
8.8
21.5
13.0
solder land/
solder paste
pattern
solder resist
pattern
occupied
area
tracks or
dummy tracks
E
D
G
C
B
A
F
E
D
G
C
B
A
F
reflow soldering
wave soldering
Fig.3 Recommended pad dimensions for reflow and wave soldering
CURING CONDITIONS FOR SMD-GLUE
MAX. Tamb
(°C)
MAX. EXPOSURE TIME
(minutes)
125
30
140
10
150
5
160
2
160
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com