Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 511D
Description  Aluminum Capacitors General Purpose, Miniature, Radial Lead
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

511D Datasheet(HTML) 5 Page - Vishay Siliconix

  511D Datasheet HTML 1Page - Vishay Siliconix 511D Datasheet HTML 2Page - Vishay Siliconix 511D Datasheet HTML 3Page - Vishay Siliconix 511D Datasheet HTML 4Page - Vishay Siliconix 511D Datasheet HTML 5Page - Vishay Siliconix 511D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
511D
Vishay Sprague
Aluminum Capacitors
General Purpose, Miniature, Radial Lead
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42051
406
Revision: 22-Jul-08
200 WVDC at + 105 °C, SURGE = 225 V
1.5
511D155M200AA4D
0.236 x 0.433 [6.0 x 11.0]
110.01
33.110
0.021
0.038
33.010
22.0
511D226M200DG4D 0.492 x 0.787 [12.5 x 20.0]
7.330
3.210
0.162
0.245
3.210
33.0
511D336M200DK4D
0.492 x 0.984 [12.5 x 25.0]
4.880
2.250
0.216
0.319
2.250
47.0
511D476M200EK4D
0.630 x 0.984 [16.0 x 25.0]
3.384
1.210
0.299
0.501
1.210
120.0
511D127M200FR4D
0.709 x 1.417 [18.0 x 36.0]
1.420
0.481
0.577
0.991
0.491
250 WVDC at + 105 °C, SURGE = 275 V
10.0
511D106M250CG4D
0.394 x .787 [10.0 x 20.0]
16.090
3.760
0.096
0.198
3.760
33.0
511D336M250EK4D
0.630 x 0.984 [16.0 x 25.0]
4.880
1.270
0.249
0.489
1.270
47.0
511D476M250EN4D
0.630 x 1.260 [16.0 x 32.0]
3.380
0.721
0.331
0.717
0.721
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
Max. ESR
at + 25 °C (m
Ω)
Max. RIPPLE
at + 85 °C
Max.
IMPEDANCE
at + 25 °C (m
Ω)
100 Hz
120 Hz 20 kHz - 40 kHz 120 Hz 20 kHz - 40 kHz
ORIGINAL RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
6.3 WVDC at + 105 °C, SURGE = 8 V
470.0
CC
511D477M6R3CC4D
1000.0
CG
511D108M6R3CG4D
2200.0
DK
511D228M6R3DK4D
10 WVDC at + 85 °C, SURGE = 13 V
470.0
CD
511D477M010CD4D
1000.0
DG
511D108M010DG4D
4700.0
ER
511D478M010ER4D
16 WVDC at + 105 °C, SURGE = 20 V
47.0 (1)
AA
511D476M016AA4D
100.0 (1)
BB
511D107M016BB4D
220.0
CC
511D227M016CC4D
25 WVDC at + 105 °C, SURGE = 32 V
220.0
CD
511D227M025CD4D
470.0
DG
511D477M025DG4D
1000.0
EK
511D108M025EK4D
35 WVDC at + 105 °C, SURGE = 44 V
22.0
AA
511D226M035AA4D
47.0
BB
511D476M035BB4D
100.0 (1)
CC
511D107M035CC4D
220.0
CG
511D227M035CG4D
470.0
DK
511D477M035DK4D
1000.0
EN
511D108M035EN4D
50 WVDC at + 105 °C, SURGE = 63 V
47.0
CC
511D476M050CC4D
220.0
DK
511D227M050DK4D
63 WVDC at + 105 °C, SURGE = 70 V
10.0 (1)
AA
511D106M063AA4D
22.0
BB
511D226M063BB4D
47.0 (1)
CD
511D476M063CD4D
100.0
CG
511D107M063CG4D
220.0
EK
511D227M063EK4D
470.0
EN
511D477M063EN4D
100 WVDC at + 105 °C, SURGE = 125 V
22.0
CD
511D226M100CD4D
47.0
CG
511D476M100CG4D
220.0
EN
511D227M100EN4D
Note
(1) These values are normally stocked



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com