Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 511D
Description  Aluminum Capacitors General Purpose, Miniature, Radial Lead
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

511D Datasheet(HTML) 1 Page - Vishay Siliconix

  511D Datasheet HTML 1Page - Vishay Siliconix 511D Datasheet HTML 2Page - Vishay Siliconix 511D Datasheet HTML 3Page - Vishay Siliconix 511D Datasheet HTML 4Page - Vishay Siliconix 511D Datasheet HTML 5Page - Vishay Siliconix 511D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
511D
Vishay Sprague
Aluminum Capacitors
General Purpose, Miniature, Radial Lead
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42051
402
Revision: 22-Jul-08
FEATURES
• + 105 °C
• Suitable for long life applications
Fig.1 Component outline
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in mm
0.236" x 0.433" [6.0 x 11.0]
to 0.709" x 1.417" [18.0 x 36.0]
Operating temperature
- 40 °C to + 105 °C
Rated capacitance range, CR
1 µF to - 10 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 WVDC to 250 WVDC
Termination
2 or 3 radial leads
Life validation test at 105 °C
1000 hours
(diameter
≤ 0.315" [8.0]):
2000 hours
(diameter > 0.315" [8.0]):
Δ CAP ≤ 15 % (6.3 WVDC to
16 WVDC),
≤ 10 % (25 WVDC to 250 WVDC)
from initial measurement.
Δ ESR ≤ 1.2 x initial .
specified limit.
Shelf life at 105 °C
500 hours:
Δ CAP ≤ 10 % from
initial measurement.
Δ ESR
1.2 x initial specified limit.
Δ DCL ≤ 2 x initial specified limit.
DC leakage current
6.3 WVDC to 63 WVDC units:
I = 0.005 CV
100 WVDC to 250 WVDC units:
I = 0.01 CV
I in µA, C in µF, V in Volts
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
Ambient Temperature
Multipliers
+ 105 °C
0.4
+ 95 °C
0.7
+ 85 °C
1.0
+ 75 °C
1.2
≤ + 65 °C
1.4
FREQUENCY (Hz)
WVDC
50 - 60
100 - 120
300 - 400
1K - 100K
6.3 - 25
0.85
1.00
1.05
1.1
26 - 250
0.80
1.00
1.30
1.4
LEAD LENGTH FOR D TERMINATION
CASE CODE
L1 (-)
L2 (+)
D
0.591 [15.0]
0.787 [20.0]
DIMENSIONS in inches [millimeters]
CASE
CODE
NOMINAL
STYLES 2 AND 4
STYLES 3 AND 5
LEAD SPACING
LEAD DIAMETER
DL
D
(max.)
L
(max.)
D
(max.)
L
(max.)
S
± 0.024 [0.60]
T
± 0.02 [0.50]
NOMINAL
AWG
NO.
AA
0.236 [6.0]
0.433 [11.0]
0.256 [6.5]
0.472 [12.0]
0.256 [6.5]
0.512 [13.0]
0.098 [2.5]
N/A
0.025 [0.63]
22
BB
0.315 [8.0]
0.472 [12.0]
0.335 [8.5]
0.512 [13.0]
0.335 [8.5]
0.551 [14.0]
0.138 [3.5]
N/A
0.025 [0.63]
22
CC
0.394 [10.0] 0.512 [13.0]
0.413 [10.5]
0.563 [14.3] 0.413 [10.5] 0.630 [16.0]
0.197 [5.0]
N/A
0.025 [0.63]
22
CD
0.394 [10.0] 0.630 [16.0]
0.413 [10.5]
0.669 [17.0] 0.413 [10.5] 0.740 [18.8]
0.197 [5.0]
N/A
0.025 [0.63]
22
CG
0.394 [10.0] 0.787 [20.0]
0.413 [10.5]
0.846 [21.5] 0.413 [10.5] 0.906 [23.0]
0.197 [5.0]
N/A
0.025 [0.63]
22
DG
0.492 [12.5] 0.787 [20.0]
0.512 [13.0]
0.846 [21.5] 0.512 [13.0] 0.906 [23.0]
0.197 [5.0]
0.098 [2.5]
0.032 [0.81]
20
DK
0.492 [12.5] 0.984 [25.0]
0.512 [13.0]
1.043 [26.5] 0.512 [13.0] 1.142 [29.0]
0.197 [5.0]
0.098 [2.5]
0.032 [0.81]
20
EK
0.630 [16.0] 0.984 [25.0]
0.650 [16.5]
1.031 [26.2] 0.650 [16.5] 1.098 [27.9]
0.295 [7.5]
0.150 [3.8]
0.032 [0.81]
20
EN
0.630 [16.0] 1.260 [32.0]
0.650 [16.5]
1.319 [33.5] 0.650 [16.5] 1.417 [36.0]
0.295 [7.5]
0.150 [3.8]
0.032 [0.81]
20
ER
0.630 [16.0] 1.417 [36.0]
0.650 [16.5]
1.476 [37.5] 0.650 [16.5] 1.575 [40.0]
0.295 [7.5]
0.150 [3.8]
0.032 [0.81]
20
FR
0.709 [18.0] 1.417 [36.0]
0.728 [18.5]
1.476 [37.5] 0.728 [18.5] 1.575 [40.0]
0.295 [7.5]
0.150 [3.8]
0.032 [0.81]
20


Similar Part No. - 511D

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
511 PEREGRINE-511 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Marl International Limi...
511 MARL-511 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
511 ETC2-511 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 511D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D Datasheet
103Kb / 8P
Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
07-Nov-06
30D VISHAY-30D Datasheet
174Kb / 5P
Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
22-Jul-08
30D VISHAY-30D_13 Datasheet
76Kb / 5P
Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
16-Apr-13
510DX VISHAY-510DX Datasheet
90Kb / 5P
Aluminum Capacitors 125 °C, Miniature, Radial Lead
07-Jan-13
515D VISHAY-515D Datasheet
101Kb / 9P
Aluminum Capacitors 85 °C, Miniature, Radial Lead
07-Jan-13
672D VISHAY-672D Datasheet
116Kb / 8P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
22-May-13
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
04-May-2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com