Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCS232Z Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCS232Z
Description  Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS232Z Datasheet(HTML) 2 Page - Vishay Siliconix

  VCS232Z_08 Datasheet HTML 1Page - Vishay Siliconix VCS232Z_08 Datasheet HTML 2Page - Vishay Siliconix VCS232Z_08 Datasheet HTML 3Page - Vishay Siliconix VCS232Z_08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VCS232Z (Z-Foil)
Vishay Foil Resistors Ultra High Precision Z-Foil Power Current Sensing Resistor
with Absolute TCR of ± 0.05 ppm/°C, PCR of 5 ppm at
Rated Power and Tolerance of ± 0.02 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63095
2
Revision: 16-Apr-07
Note
1. Measurement error 0.0005R
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 -TYPICAL TCR CURVE Z-FOIL
(For more details, see table 1)
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 4 - DIMENSIONS in inches (millimeters)
MODEL
L
MAXIMUM
H
MAXIMUM
W
MAXIMUM
LL
MINIMUM
LS
± 0.20 (± 0.5)
LT
± 0.20 (± 0.5)
D1
NOMINAL
D2
NOMINAL
VCS232Z
1.240 (31.50)
0.512 (13.00)
0.177 (4.50)
0.500 (12.70)
0.688 (17.48)
1.083 (27.51)
0.040 (1.02)
0.032 (0.81)
TABLE 2 - PERFORMANCES1)
TEST OR CONDITION
TYPICAL
ΔR
MAXIMUM
ΔR
Low temperature storage
(24 hours at - 55 °C)
± 0.002 % (20 ppm)
± 0.005 % (50 ppm)
Short time overload
(5 x rated power)
± 0.002 % (20 ppm)
± 0.005 % (50 ppm)
DWV
± 0.002 % (20 ppm)
± 0.005 % (50 ppm)
Moisture resistance
(+ 65 °C to - 10 °C; 90 % to 98 % RH; 0.1 x rated power; 240 hours)
± 0.01 % (100 ppm)
± 0.02 % (200 ppm)
Terminal Strength
± 0.002 % (20 ppm)
± 0.005 % (50 ppm)
Load life stability
(2 Watt, + 25 °C, 2000 hours)
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
High temperature exposure
(2000 hours at + 150 °C)
± 0.01 % (100 ppm)
± 0.02 % (200 ppm)
Weight
1.2 g maximum
LT
H
L
W
LL
D
1
LS
D
2
Tin/Lead or Lead (Pb)-free
Solder coated
copper leads



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com