Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCS232Z Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCS232Z
Description  Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS232Z Datasheet(HTML) 3 Page - Vishay Siliconix

  VCS232Z_08 Datasheet HTML 1Page - Vishay Siliconix VCS232Z_08 Datasheet HTML 2Page - Vishay Siliconix VCS232Z_08 Datasheet HTML 3Page - Vishay Siliconix VCS232Z_08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63095
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 16-Apr-07
3
VCS232Z (Z-Foil)
Ultra High Precision Z-Foil Power Current Sensing Resistor
with Absolute TCR of ± 0.05 ppm/°C, PCR of 5 ppm at
Rated Power and Tolerance of ± 0.02 %
Vishay Foil Resistors
Note
* For non-standard requests, please contact Application Engineering.
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y160845R2361Q9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1608 = VCS232Z
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
L = Bulk
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1608 45R2361 Q 9 L:
TYPE: VCS232Z
VALUES: 45.2361
Ω
ABSOLUTE TOLERANCE: ± 0.02 %
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk Pack
HISTORICAL PART NUMBER: VCS232ZT 45R2361 TCR0.2 Q B (will continue to be used)
VCS232Z
T
45R2361
TCR0.2
Q
B
MODEL
TERMINATION
OHMIC VALUE
TCR
CHARACTERISTIC
ABSOLUTE
TOLERANCE
PACKAGING
VCS232Z
T = Lead (Pb)-free
None = Tin/Lead
45.2361
Ω
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
B = Bulk
6
084
R
2
3
5
Y1
Q9
6
L
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com