Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP1084D33A Datasheet(PDF) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1084D33A
Description  5A LOW DROPOUT LINEAR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1084D33A Datasheet(HTML) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1084D33A Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5A LOW DROPOUT LINEAR REGULATOR
2007-4-6
6/9
FSP1084
ORDERING INFORMATION
MARKING INFORMATION
(1)TO220-3L
(2) TO263-2L
(3) TO252-2L
FSP1084XXXX
Package:
T:TO220-3L
K:TO263-2L
D:TO252-2L
Output Voltage:
Blank: ADJ
15: 1.5V
18: 1.8V
25: 2.5V
33: 3.3V
50: 5.0V
Packing:
Blank: Tube or Bulk
A: Tape & Reel
Temperature Grade:
Blank:0~70℃
1084-VV
YYWWXX
Logo
Part Number:
1084-ADJ: ADJ
1084-15: 1.5V
1084-18: 1.8V
1084-25: 2.5V
1084-33: 3.3V
1084-50: 5.0V
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)
1084-VV
YYWWXX
Logo
Part Number:
1084-ADJ: ADJ
1084-15: 1.5V
1084-18: 1.8V
1084-25: 2.5V
1084-33: 3.3V
1084-50: 5.0V
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)
1084-VV
YYWWXX
Logo
Part Number:
1084-ADJ: ADJ
1084-15: 1.5V
1084-18: 1.8V
1084-25: 2.5V
1084-33: 3.3V
1084-50: 5.0V
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com