Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP1084D33A Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1084D33A
Description  5A LOW DROPOUT LINEAR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1084D33A Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1084D33A Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D33A Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
5A LOW DROPOUT LINEAR REGULATOR
2007-4-6
2/9
FSP1084
ABSOLUTE MAXIMUM RATINGS (NOTE 1)
Symbol
Parameter
Rating
Unit
TJ
Maximum Junction Temperature
150
℃
TS
Storage Temperature Range
-65~150
℃
TLEAD
Lead Temperature (10 sec.)
300
℃
ESD
ESD (Human Body Model)
2000
V
Note 1: Stresses greater than those listed under“Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress rating only, and functional operation of the device at these or any other conditions beyond
those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute Maximum
Ratings” for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
12
V
TJ
Operating Junction Temperature Range
0~125
℃
ELECTRICAL CHARACTERISTICS
Typicals and limits appearing in normal type apply for TJ=25℃. Limiting appearing in Boldface type apply over the
entire operating junction temperature range.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Reference
Voltage
VREF
FSP1084-ADJ
IO=10mA, VIN-VOUT=3V
IO=10mA~5A,1.5V≤VIN-VOUT≤5V
1.238
1.225
1.250
1.250
1.262
1.270
V
FSP1084-1.5
IO=0mA, VIN=4.5V
IO=10mA~5A, 3.1V≤VIN≤6V
1.485
1.470
1.5
1.5
1.515
1.530
V
FSP1084-1.8
IO=0mA, VIN=4.8V
IO=10mA~5A, 3.4V≤VIN≤6V
1.782
1.764
1.8
1.8
1.818
1.836
V
FSP1084-2.5
IO=0mA, VIN=5.5V
IO=10mA~5A, 4.1V≤VIN≤7V
2.475
2.450
2.5
2.5
2.525
2.550
V
FSP1084-3.3
IO=0mA, VIN=6.3V
IO=10mA~5A, 4.9V≤VIN≤8V
3.267
3.234
3.3
3.3
3.333
3.366
V
Output Voltage
VOUT
FSP1084-5.0
IO=0mA, VIN=8V
IO=10mA~5A, 6.6V≤VIN≤10V
4.950
4.900
5.0
5.0
5.050
5.100
V
RegLINE
FSP1084-ADJ
IO=10mA,2.85V≤VIN≤10V
0.015
0.035
0.2
0.2
%
FSP1084-1.5
IO=10mA,3.1V≤VIN≤10V
0.5
1
6
6
mV
FSP1084-1.8
IO=10mA,3.4V≤VIN≤10V
0.5
1
6
6
mV
FSP1084-2.5
IO=10mA,4.1V≤VIN≤10V
0.5
1
6
6
FSP1084-3.3
IO=10mA,4.9V≤VIN≤10V
0.5
1
6
6
Line Regulation
Δ
VOUT
FSP1084-5.0
IO=10mA,6.6V≤VIN≤10V
0.5
1
10
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com