Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3129SD Datasheet(PDF) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3129SD
Description  WIDE INPUT 2A STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3129SD Datasheet(HTML) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3129SD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
WIDE INPUT 2A STEP-DOWN CONVERTER
2007-1-4
5/10
FSP3129
Input Capacitor
The input capacitor needs to be carefully selected to maintain sufficiently low ripple at the supply input of the
converter. A low ESR capacitor is highly recommended. Since a large current flows in and out of this capacitor during
switching, its ESR also affects efficiency.
The input capacitance needs to be higher than 10µF. The best choice is the ceramic type, however, low ESR tantalum
or electrolytic types may also be used provided that the RMS ripple current rating is higher than 50% of the output
current. The input capacitor should be placed close to the IN and G pins of the IC, with shortest possible traces. In the
case of tantalum or electrolytic types, they can be further away if a small parallel 0.1µF ceramic capacitor is placed
right next to the IC.
Output Capacitor
The output capacitor also needs to have low ESR to keep low output voltage ripple. The output ripple voltage is:
where IOUTMAX is the maximum output current, KRIPPLE is the ripple factor, RESR is the ESR resistance of the output
capacitor, fSW is the switching frequency, L is the inductor value, COUT is the output capacitance.
In the case of ceramic output capacitors, RESR is very small and does not contribute to the ripple. Therefore, a lower
capacitance value can be used for ceramic type, typically choose a capacitance of about 22µF.
In the case of tantalum or electrolytic type, the ripple is dominated by RESR multiplied by the ripple current. In that case,
the output capacitor is chosen to have sufficiently low due to ESR, typically choose a capacitor with less than 50mΩ
ESR.
Rectifier Diode
Use a Schottky diode as the rectifier to conduct current when the High-Side Power Switch is off. The Schottky diode
must have current rating higher than the maximum output current and the reverse voltage rating higher than the
maximum input voltage.
Stability Compensation
CCOMP2 is needed only for high ESR output capacitor
Figure 2: Stability compensation
The feedback system of the IC is stabilized by the components at COMP pin, as shown in Figure 2. The DC loop gain
of the system is determined by the following equation:
The dominant pole P1 is due to CCOMP
The second pole P2 is the output pole:
The first zero Z1 is due RCOMP and CCOMP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com