Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3129SD Datasheet(PDF) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3129SD
Description  WIDE INPUT 2A STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3129SD Datasheet(HTML) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3129SD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
WIDE INPUT 2A STEP-DOWN CONVERTER
2007-1-4
6/10
FSP3129
And finally, the third pole is due to RCOMP and CCOMP2 (if CCOMP2 is used):
Follow the following steps to compensate the IC:
STEP1. Set the cross over frequency at 1/10 of the switching frequency via RCOMP:
but limit RCOMP to 15kΩ maximum.
STEP2. Set the zero fZ1 at 1/4 of the cross over frequency. If RCOMP is less than 15kΩ, the equation for CCOMP is:
If RCOMP is limited to 15kΩ, then the actual cross over frequency is 3.4/(VOUTCOUT). Therefore:
STEP3. If the output capacitor’s ESR is high enough to cause a zero at lower than 4 times the cross over
frequency, an additional compensation capacitor CCOMP2 is required. The condition for using CCOMP2 is:
And the proper value for CCOMP2 is:
A small value CCOMP2 such as 100pF may improve stability against PCB layout parasitic effects.
Table 2 shows some calculated results based on the compensation method above.
VOUT
COUT
RCOMP
CCOMP
CCOMP2
2.5V
22µF Ceramic
8.2kΩ
2.2nF
100pF
3.3V
22µF Ceramic
12kΩ
1.5nF
100pF
5V
22µF Ceramic
15kΩ
1.5nF
100pF
2.5V
47µF SP CAP
15kΩ
1.5nF
100pF
3.3V
47µF SP CAP
15kΩ
1.8nF
100pF
5V
47µF SP CAP
15kΩ
2.7nF
100pF
2.5V
470µF/6.3V/30mΩ
15kΩ
15nF
1nF
3.3V
470µF/6.3V/30mΩ
15kΩ
22nF
1nF
5V
470µF/6.3V/30mΩ
15kΩ
27nF
1nF
Table 2: Typical Compensation for Different Output voltages and Output Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com