Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3131 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3131
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3131 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3131 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PWM CONTROL 3A STEP-DOWN CONVERTER
2007-6-6
1/7
FSP3131
PIN ASSIGNMENT
(Top View)
PIN DESCRIPTION
Pin Number Pin Name
Pin Description
1
FB
Feedback Pin
2
EN
Enable Input Pin
H: Normal operation(Step-down operation)
L: Step-down operation stopped(All circuits deactivated)
3
OCSET
Add an external resistor to set max output current
4
VCC
IC power supply pin
5,6
OUTPUT
Switch pin. Connect external inductor/diode here. Minimize trace area at this pin to
reduce EMI.
7,8
VSS
GND pin
TYPICAL APPLICATION
Cellular Phones
PC Motherboard
LCD Monitor
Graphic Card
DVD-Video Player
Telecom Equipment
ADSL Modem
Printer and other Peripheral Equipment
Microprocessor core supply
Networking power supply
VCC
VSS
VSS
OUTPUT
OUTPUT
8
7
6
5
1
2
3
4
FB
EN
OCSET
GENERAL DESCRIPTION
FSP3131 consists of step-down switching regulator
with PWM control. These devices include a
reference voltage source, oscillation circuit, error
amplifier and internal PMOS.
FSP3131 provides low-ripple power, high efficiency,
and excellent transient characteristics. The PWM
control circuit is able to vary the duty ratio linearly
from 0 up to 100%. This converter also contains an
error amplifier circuit as well as a soft-start circuir
that prevents overshoot at startup. An enable
function, an over current protect function and a
short circuit protect function are built inside, and
when OCP or SCP happens, the operation
frequency will be reduced from 300KHz to 30KHz.
Also, an internal compensation block is built in to
minimum external component count.
With the addition of an internal P-channel Power
MOS, a coil, capacitors, and a diode connected
externally, these ICs can function as step-down
switching regulators. They serve as ideal power
supply units for portable devices when coupled with
the
SOP8L
mini-package,
providing
such
outstanding features as low current consumption.
Since this converter can accommodate an input
voltage up to 23V, it is also suitable for the operation
via an AC adapter.
FEATURES
Input voltage: 3.6V to 23V.
Output voltage: 0.8V to VCC.
Duty ratio: 0% to 100% PWM control
Oscillation frequency: 300KHz typ.
Soft-start, Current limit, Enable function
Thermal Shutdown function
Built-in internal SW P-channel MOSFET
SOP8L Package.


Similar Part No. - FSP3131

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3130SAG FOSLINK-FSP3130SAG Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3130SG FOSLINK-FSP3130SG Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
FSP3132SAG FOSLINK-FSP3132SAG Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
More results

Similar Description - FSP3131

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com