Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3131 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3131
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3131 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3131 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3131 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PWM CONTROL 3A STEP-DOWN CONVERTER
2007-6-6
3/7
FSP3131
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCROPTION
PWM Control
The FSP3131 consists of DC/DC converters that employ a pulse-width modulation (PWM) system. In converters of
the FSP3131, the pulse width varies in a range from 0 to 100%, according to the load current. The ripple voltage
produced by the switching can easily be removed through a filter because the switching frequency remains constant.
Therefore, these converters provide a low-ripple power over broad ranges of input voltage and load current.
Under Voltage Lockout
The under voltage lockout circuit of the FSP3131 assures that the high-side MOSFET driver outputs remain in the off
state whenever the supply voltage drops below 3.3V. Normal operation resumes once VCC rises above 3.5V.
RDS(ON) Current Limiting
The current limit threshold is setting by the external resistor connecting from VCC supply to OCSET. The internal
100uA sink current crossing the resistor sets the voltage at the pin of OCSET. When the PWM voltage is less than the
voltage at OCSET, an over-current condition is triggered.
I LOAD ×= R DS(ON) I OCSET × R OCSET
See above formula for setting the current limit value



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com