Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3603 Datasheet(PDF) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3603
Description  1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3603 Datasheet(HTML) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3603 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
2007-4-19
7/9
FSP3603
maximum output current can be get by this equation; where η is the efficiency, IPEAK is the peak current limit, f is
the switching frequency, L is the inductance value and D is the duty cycle.
Larger inductors mean less inductor current ripple and usually less output voltage ripple. Larger inductors also
mean more load power can be delivered. But large inductors are also with large profile and costly. The inductor
ripple current is typically set for 20% to 40% of the maximum inductor current. When selecting an inductor, the DC
current rating must be high enough to avoid saturation at peak current. For optimum load transient and efficiency,
the low DCR should be selected. Table 2 lists some typical surface mount inductors that meet target applications
for the FSP3603:
Part
Number
L
(µH)
Max
DCR
(mΩ)
Rated
D.C.
Current
(A)
Size
WxLxH
(mm)
Sumida
CR43
4.7
10
108.7
182
1.15
1.04
4.3x4.8x3.
5
Sumida
CDRH4D
28
4.7
5.6
6.8
10
72
101
109
128
1.32
1.17
1.12
1.00
5.0x5.0x3.
0
Toko
D53LC
4.7
6.8
10
45
68
90
1.87
1.51
1.33
5.0x5.0x3.
0
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to ensure regulation loop stability. A
2.2µF to 10µF output capacitor is sufficient for most applications. If output capacitor is larger than 10µF, a phase
lead capacitor must be included to maintain enough phase margin. The output capacitor must have low impedance
at the switching frequency. Ceramic capacitors with X5R or X7R dielectrics are recommended due to their low ESR
and high ripple current ratings.
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device. A minimum
4.7µF input capacitor is needed for most applications. The input capacitor impedance at the switching frequency
should be less than input source impedance to prevent high frequency switching current passing to the input. A low
ESR input capacitor sized for maximum RMS current must be used. Ceramic capacitors with X5R or X7R
dielectrics are highly recommended because of their low ESR and small temperature coefficients.
Output Diode Selection
An Shottky diode should be included when the output voltage is above 4.5V. The Schottky diode is optional for the
output voltage not more than 4.5V, but can improve efficiency by about 2% to 3%.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com