Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3603 Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3603
Description  1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3603 Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3603 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
2007-4-19
2/9
FSP3603
ABSOLUTE MAXIMUM RATINGS
(NOTE 1)
Parameter
Rating
Unit
VIN
- 0.3 ~ +6
V
VOUT
- 0.3 ~ +6
V
VSW
- 0.3 ~ +6
A
FB SHDN Voltages
- 0.3 ~ +6
℃
Operating Temperature Range(Note 2)
- 40 ~ +85
℃
Lead Temperature (Soldering 10 sec.)
+ 300
℃
250(θJA)
Thermal Resistance(Note 3)
110(θJC)
℃
/W
Storage Temperature Range
- 65 ~ +150
℃
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula:
TJ = TA + (PD) x (250°C/W
Note 3: Thermal Resistance is specified with approximately 1 square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
(NOTE 4)
(VIN= 1.2V, VOUT= 3.3V, TA=25℃, Unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
Output Voltage Range
2.5
5
V
Minimum Start-Up Voltage
ILOAD = 1mA
0.85
1.0
V
Minimum Operating Voltage
VSHDN= VIN
0.5
0.65
V
0.95
1.2
1.5
Switching Frequency
- 40℃ ~ +85℃
0.85
1.2
1.5
MHz
Max Duty Cycle
VFB = 1.15V - 40℃ ~ +85℃
80
85
%
Current Limit Delay to Output
Guaranteed by design
40
ns
Feedback Voltage
- 40℃ ~ +85℃
1.192
1.230
1.268
V
NMOS Switch Leakage
VSW = 5V
0.1
5
µA
PMOS Switch Leakage
VSW = 0V
0.1
5
µA
VOUT = 3.3V
0.40
NMOS Switch On Resistance
VOUT = 5V
0.35
Ω
VOUT = 3.3V
0.70
PMOS Switch On Resistance
VOUT = 5V
0.60
Ω
NMOS Current Limit
600
850
mA
Quiescent Current (Active)
Measured on VOUT
300
500
µA
Shutdown Current
VSHDN=0V
0.01
1
µA
Line Regulation
VIN = 0.8V to 3.0V, IOUT = 10mA
1
%/V
Load Regulation
IOUT = 1 mA to 100mA
0.02
%/mA
SHDN Input Threshold
0.35
0.60
1.50
V
SHDN Input Current
VSHDN = 5.5V
0.01
1
µA
Note 4: 100% production test at +25°C. Specifications over the temperature range are guaranteed by design
and characterization.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com