Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP34063SD Datasheet(PDF) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP34063SD
Description  UNIVERSAL DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP34063SD Datasheet(HTML) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP34063SD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UNIVERSAL DC/DC CONVERTER
2007-1-25
7/10
FSP34063
ORDERING INFORMATION
MARKING INFORMATION
(1) SOP8L
(2) PDIP8L
Part number
Internal code
FSP34063
YYWWXX
Date code:
YY: Year (01=2001)
WW: Nth week (01~52)
Logo
Part number
Internal code
Date code:
YY: Year (01=2001)
WW: Nth week (01~52)
Logo
FSP34063
YYWWXX
FSP34063XXX
Package:
S: SOP8L
N: PDIP8L
Packing:
Blank: Tube or Bulk
A: Tape & Reel
Temperature Grade:
Blank: 0~70℃
D:-40~85℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com