Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP34063SD Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP34063SD
Description  UNIVERSAL DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP34063SD Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP34063SD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UNIVERSAL DC/DC CONVERTER
2007-1-25
9/10
FSP34063
(2) PDIP8L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
3.1
3.30
3.5
0.122
0.130
0.138
B
0.36
0.46
0.56
0.014
0.018
0.022
B1
1.4
1.52
1.65
0.055
0.060
0.065
B2
0.81
0.99
1.14
0.032
0.039
0.045
C
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
9.53
0.335
0.365
0.375
E
7.62
7.94
8.26
0.300
0.313
0.325
E1
6.15
6.35
6.55
0.242
0.250
0.258
e
2.54
0.100
L
2.92
3.3
3.81
0.115
0.130
0.150
eB
8.38
8.89
9.40
0.330
0.350
0.370
S
0.71
0.84
0.97
0.028
0.033
0.038
PIN #1INDENT 0.025 DEEP 0.006-0.008 Inch
E-PIN 0.018inch
D
S
e
B
B2
B1
L
7°(4х)
E
eB
C
15°(4х)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com