Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7480 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7480
Description  10W MONO CLASS-D AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7480 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7480 Datasheet HTML 1Page - STMicroelectronics TDA7480 Datasheet HTML 2Page - STMicroelectronics TDA7480 Datasheet HTML 3Page - STMicroelectronics TDA7480 Datasheet HTML 4Page - STMicroelectronics TDA7480 Datasheet HTML 5Page - STMicroelectronics TDA7480 Datasheet HTML 6Page - STMicroelectronics TDA7480 Datasheet HTML 7Page - STMicroelectronics TDA7480 Datasheet HTML 8Page - STMicroelectronics TDA7480 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, VCC =
±14V; RL = 8Ω; RS = 50Ω;
Rf = 12K
Ω; Demod.. filter L = 60µH, C = 470nF; f = 1KHz; Tamb = 25°C unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
±10
±16
V
Iq
Total Quiescent Current
RL =
∞; NO LC Filter
25
40
mA
VOS
Output Offset Voltage
Play Condition
–50
+50
mV
PO
Output Power
THD = 10%
THD = 1%
8.5
6
10
7
W
W
RL = 4
Ω VCC = ±10.5V
THD = 10%
THD = 1%
10
7
W
W
Pd (*)
Dissipated Power at 1W Output
Power
Rf = 12K
Ω PΟ = 1W
1
W
PDMAX
Maximum Dissipated Power
PΟ = 10W THD 10%
Rth-j-amb = 38°C/W (Area 12cm
2)
1.8
W
η
Efficiency
PO
PO
+ PD
PO
PI
(**)
THD 10%
Rth-j-amb = 38°C/W (Area 12cm
2)
80
85
%
THD
Total Harmonic Distortion
RL = 8
Ω; PO = 0.5W
0.1
%
Imax
Overcurrent Protection
Threshold
RL = 0
3.5
5
A
Tj
Thermal Shut-down Junction
Temperature
150
°C
GV
Closed Loop Gain
29
30
31
dB
eN
Total Input Noise
A Curve
f = 20Hz to 22KHz
7
12
µV
µV
Ri
Input Resistance
20
30
K
SVR
Supply Voltage Rejection
f = 100Hz; Vr = 0.5
46
60
dB
Tr, Tf
Rising and Falling Time
50
ns
RDSON
Power Transistor on Resistance
0.4
FSW
Switching Frequency
100
120
140
KHz
FSW_OP
Switching Frequency Operative
Range
100
200
KHz
BF
Zero Signal Frequency
Constant (***)
1.4x10
9
Hz
RF
Frequency Controller Resistor
Range (****)
712
14
K
MUTE & STAND-BY FUNCTIONS
VST-BY
Stand-by range
0.8
V
VMUTE
Mute Range
1.8
2.5
V
VPLAY
Play Range (1)
4
V
AMUTE
Mute Attenuation
60
80
dB
IqST-BY
Quiescent Current @ Stand-by
3
5
mA
*: The output average power when the amplifier is playing music can be considered roughly 1/10 of the maximum output power. So it is useful
to consider the dissipated power in this condition for thermal dimensioning.
**: PO = measured across the load using the following inductor:
COIL 58120 MPPA2 (magnetics)
TURNS: 28
∅ 1mm
COIL77120 KOOL M
µ (magnetics)
TURNS: 28
∅ 1mm
***: The zero-signal switching frequency can be obtained using the following expression: FSW = BF/RF
****: The maximum value of RF is related to the maximum possible value for the voltage drop on RF itself.
(1): For V12 >5.2V, an input impedance of 10K
Ω is to be considered.
TDA7480
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com